Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCPP01-M12 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TCPP01-M12
Description  USB type-C port protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TCPP01-M12 Datasheet HTML 9Page - STMicroelectronics TCPP01-M12 Datasheet HTML 10Page - STMicroelectronics TCPP01-M12 Datasheet HTML 11Page - STMicroelectronics TCPP01-M12 Datasheet HTML 12Page - STMicroelectronics TCPP01-M12 Datasheet HTML 13Page - STMicroelectronics TCPP01-M12 Datasheet HTML 14Page - STMicroelectronics TCPP01-M12 Datasheet HTML 15Page - STMicroelectronics TCPP01-M12 Datasheet HTML 16Page - STMicroelectronics TCPP01-M12 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
5.7
Typical USB-C battery powered application
In this application use case, the system is typically powered by embedded batteries and the USB connector is
used to recharge them.
Figure 18. Sink PD3.0 applications, with battery
Compared to the previous case, the TCPP01-M12 is now powered via GPIO1: This is possible thanks to the very
low TCPP01-M12 biasing current (120 µA worst case). In this configuration, the TCPP01-M12 consumes power
only during USB attachment. An attachment condition is detected via resistors R3 and R4.
Once a source has detected a SINK attachment, it releases automatically 5 V / 0.5 A on the VBUS. This voltage is
detected by the TCPP01-M12 and it turn-on the N-channel MOSFET T1 (needed power is drawn from IN_GD
pin). As the VBUS voltage increases, the attachment is detected through ADC.
In the Figure 18, the D1 diode ESDA25P35-1U1M is used to comply with the International electrotechnical
commission specification IEC61000-4 on the VBUS power line when it is subjected to switching and lightning
transients. For more information, please refer to AN4275: IEC61000-4-5 standard overview.
Please refer to AN5225 for more informations related to USB Type-CTM power delivery using STM32xx Series
MCUs and STM32xxx Series MPUs.
For more information on EMI filtering and ESD protection of USB datalines, please refer to AN4871: USB Type-C
protection and filtering.
TCPP01-M12
Typical USB-C battery powered application
DS12900 - Rev 1
page 13/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com