Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLE051B-R22MS Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # CMLE051B-R22MS
Description  Power Choke Coil CMLE051B type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

CMLE051B-R22MS Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  CMLE051B-R22MS Datasheet HTML 1Page - Cyntec Co., Ltd. CMLE051B-R22MS Datasheet HTML 2Page - Cyntec Co., Ltd. CMLE051B-R22MS Datasheet HTML 3Page - Cyntec Co., Ltd. CMLE051B-R22MS Datasheet HTML 4Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Nov., 2019
DOCUMENT
: CMLE051B-000
REVISION
: A0
PAGE
: 1 OF 4
Power Choke Coil CMLE051B type
Features
High performance (Isat) realized by metal dust core.
Low profile:Thickness max. 1.2mm
Low loss realized with low DCR
Capable of corresponding high frequency (3MHz)
100% lead (Pb) free meet RoHS standard
Application
DC/DC converter for CPU in Notebook PC
Thin type on-board power supply module for exchanger
VRM for server
Outline Dimensions
W
B'
A'
B
T
A
L
H
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
A
C
Code
Dimensions(mm)
L
5.40
 0.35
W
5.2
 0.2
T
1.0
 0.2
A
0.81
 0.18
A’
1.0
 0.1
B
2.50
 0.08
B’
2.80
 0.13
H
0 ~ +0.15
A
2.5
B
2.2
C
5.99
Unit : mm


Similar Part No. - CMLE051B-R22MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CMLE051E-000 CYNTEC-CMLE051E-000 Datasheet
100Kb / 4P
Power Choke Coil CMLE051E type
CMLE051E-100MS CYNTEC-CMLE051E-100MS Datasheet
100Kb / 4P
Power Choke Coil CMLE051E type
CMLE051E-1R0MS CYNTEC-CMLE051E-1R0MS Datasheet
100Kb / 4P
Power Choke Coil CMLE051E type
CMLE051E-1R2MS CYNTEC-CMLE051E-1R2MS Datasheet
100Kb / 4P
Power Choke Coil CMLE051E type
CMLE051E-2R2MS CYNTEC-CMLE051E-2R2MS Datasheet
100Kb / 4P
Power Choke Coil CMLE051E type
More results

Similar Description - CMLE051B-R22MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CMLB041B-000 CYNTEC-CMLB041B-000 Datasheet
75Kb / 3P
Power Choke Coil CMLB041B type
CMLB051B-000 CYNTEC-CMLB051B-000 Datasheet
194Kb / 3P
Power Choke Coil CMLB051B type
CMLB063T-000 CYNTEC-CMLB063T-000 Datasheet
123Kb / 5P
Power Choke Coil CMLB063T type
CMLB065T-000 CYNTEC-CMLB065T-000 Datasheet
492Kb / 4P
Power Choke Coil CMLB065T type
CMLB136T-000 CYNTEC-CMLB136T-000 Datasheet
86Kb / 4P
Power Choke Coil CMLB136T type
CMLE042T-000 CYNTEC-CMLE042T-000 Datasheet
191Kb / 3P
Power Choke Coil CMLE042T type
CMLE051E-000 CYNTEC-CMLE051E-000 Datasheet
100Kb / 4P
Power Choke Coil CMLE051E type
CMLE051H-000 CYNTEC-CMLE051H-000 Datasheet
197Kb / 3P
Power Choke Coil CMLE051H type
PCMB104T-000 CYNTEC-PCMB104T-000 Datasheet
91Kb / 5P
Power Choke Coil PCMB104T type
HBLE041H-000 CYNTEC-HBLE041H-000 Datasheet
202Kb / 4P
Power Choke Coil HBLE041H type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com