Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLE051B-R22MS Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # CMLE051B-R22MS
Description  Power Choke Coil CMLE051B type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

CMLE051B-R22MS Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  CMLE051B-R22MS Datasheet HTML 1Page - Cyntec Co., Ltd. CMLE051B-R22MS Datasheet HTML 2Page - Cyntec Co., Ltd. CMLE051B-R22MS Datasheet HTML 3Page - Cyntec Co., Ltd. CMLE051B-R22MS Datasheet HTML 4Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Nov., 2019
DOCUMENT
: CMLE051B-000
REVISION
: A0
PAGE
: 3 OF 4
Current Characteristic
0
20
40
60
80
100
0.00
0.03
0.06
0.09
0.12
0.15
0.18
02468
10 12 14 16 18 20 22 24 26
DC BIAS(Amps)
CMLE051B-R15MS
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
2
4
6
8
10
12
14
16
18
20
DC BIAS(Amps)
CMLE051B-R22MS
INDUCT ANCE(μH)
TEMP . RISE(℃)
0
20
40
60
80
100
0.00
0.10
0.20
0.30
0.40
0.50
0.60
02468
10
12
14
DC BIAS(Amps)
CMLE051B-R47MS
INDUCTANCE(μH)
TEMP.RISE(℃)
0
20
40
60
80
100
0.00
0.15
0.30
0.45
0.60
0.75
0.90
01
234
5678
9
10 11 12 13
DC BIAS(Amps)
CMLE051B-R68MS
INDUCTANCE(μH)
TEMP . RISE(℃)
0
20
40
60
80
100
0.00
0.15
0.30
0.45
0.60
0.75
0.90
0
123
45
67
89
10
11
12
DC BIAS(Amps)
CMLE051B-R82MS
INDUCTANCE(μH)
TEMP. RISE(℃)
0
15
30
45
60
75
90
0.00
0.20
0.40
0.60
0.80
1.00
1.20
01
234567
89
10
DC BIAS(Amps)
CMLE051B-1R0MS
INDUCTANCE(μH)
TEMP.RISE(℃)
0
20
40
60
80
100
0.00
0.30
0.60
0.90
1.20
1.50
1.80
012
3
45678
9
10
DC BIAS(Amps)
CMLE051B-1R5MS
INDUCT ANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.45
0.90
1.35
1.80
2.25
2.70
01
23
4
5
6
7
8
DC BIAS(Amps)
CMLE051B-2R2MS
INDUCTANCE(μH)
TEMP. RISE(℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com