Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB621 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # NB621
Description  8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB621 Datasheet(HTML) 4 Page - Monolithic Power Systems

  NB621 Datasheet HTML 1Page - Monolithic Power Systems NB621 Datasheet HTML 2Page - Monolithic Power Systems NB621 Datasheet HTML 3Page - Monolithic Power Systems NB621 Datasheet HTML 4Page - Monolithic Power Systems NB621 Datasheet HTML 5Page - Monolithic Power Systems NB621 Datasheet HTML 6Page - Monolithic Power Systems NB621 Datasheet HTML 7Page - Monolithic Power Systems NB621 Datasheet HTML 8Page - Monolithic Power Systems NB621 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NB621 – 8A, 25V, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER WITH INTEGRATED LDO
NB621 Rev. 0.9
www.MonolithicPower.com
4
12/10/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
LDD Switch On Resistance
(5)
RLDO
VLDO=5V, ILDO=100mA
5
Ω
SELH=0V, ILDO<100mA
4.8
5
5.2
V
SELH=0V, ILDO<100mA,
6.5V<VIN<25V
4.75
5
5.25
V
VLDO=0V, ILDO<50mA,
5.5V<VIN<25V
4.75
5
5.25
V
SELH=5V, ILDO<100mA
3.2
3.33
3.46
V
SELH=5V, ILDO<100mA,
6.5V<VIN<25V
3.13
3.33
3.5
V
LDO Output Voltage
VLDO
SELH=5V, ILDO<50mA,
5.5V<VIN<25V
3.13
3.33
3.5
V
SELH=0V
100
mA
LDO Output Current
ILDO
SELH=5V
100
mA
SELH=0V
4.55
4.7
4.85
V
Switch Over Threshold (Rising)
VSWO
SELH=5V
3.05
3.15
3.25
V
SELH=0V
0.15
0.25
0.3
V
Switch Over Hysteresis
VSWO-HYS
SELH=5V
0.1
0.2
0.25
V
SELH Input Low Voltage
VILSELH
0.4
V
SELH Input High Voltage
VIHSELH
2.5
V
ENLDO
Input
Low
Voltage
VILENLDO
0.4
V
ENLDO Input High
Voltage
VIHENLDO
2
V
Thermal Shutdown
TSD
150
°C
Note:
5) Guaranteed by design.
6) TSS—Soft startup time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com