Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB621 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # NB621
Description  8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB621 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button NB621 Datasheet HTML 5Page - Monolithic Power Systems NB621 Datasheet HTML 6Page - Monolithic Power Systems NB621 Datasheet HTML 7Page - Monolithic Power Systems NB621 Datasheet HTML 8Page - Monolithic Power Systems NB621 Datasheet HTML 9Page - Monolithic Power Systems NB621 Datasheet HTML 10Page - Monolithic Power Systems NB621 Datasheet HTML 11Page - Monolithic Power Systems NB621 Datasheet HTML 12Page - Monolithic Power Systems NB621 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NB621 – 8A, 25V, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER WITH INTEGRATED LDO
NB621 Rev. 0.9
www.MonolithicPower.com
9
12/10/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
BST
Bootstrap. A capacitor connected between SW and BS pins is required to form a
floating supply across the high-side switch driver.
2, 3, 4, 5
SW
Switch Output. Use wide PCB traces and multiple vias to make the connection.
6, 9, 24, 27, 28
N/C
No Connection.
7
GND
System Ground. This pin is the reference ground of the regulated output voltage.
For this reason care must be taken in PCB layout.
8
SDRV
Low Side Gate Driver Output.
10
AGND
Analog Ground.
11
VCC
Bias Supply. Decouple with 1µF capacitor.
12
AAM
Connect to GND forces NB621 in synchronous mode. Connects to a voltage set by
2 resistor dividers forces NB621 into non-synchronous mode when load is small.
13
SS
Soft Start. Connect on external capacitor to program the soft start time for the
switch mode regulator.
14
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB
pin, sets the output voltage. To prevent current limit run away during a short circuit
fault condition the frequency fold-back comparator lowers the oscillator frequency
when the FB voltage is below 400mV.
15
PG
Power good output, the output of this pin is an open drain and is high if the output
voltage is higher than 90% of the nominal voltage. There is a 20µs delay to pull PG
if the output voltage is lower than 10% of regulation value.
16
EN/SYNC
EN=1 to enable the NB621. External clock can be applied to EN pin for changing
switching frequency. For automatic start-up, connect EN pin to VIN with 100KΩ
resistor.
17,18,19,20,21
IN
Supply Voltage. The NB621 operates from a +4.5V to +25V input rail. C1 is
needed to decouple the input rail. Use wide PCB traces and multiple vias to make
the connection.
22
SELH
Internal LDO output voltage selection. When grounded, the LDO output will be
regulated to 5V. When pulled high, the LDO output will be regulated to 3.3V.
23
ENLDO
Internal LDO regulator enable pin
25
LDO
Internal LDO regulator Output. Connect a 10uF decoupling capacitor to GND.
26
REGO
Switch Mode Regulator Output connection pin. This pin is used to switch the
internal LDO output to the switch mode regulator output when it is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com