Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9911 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9911
Description  CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9911 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9911 Datasheet HTML 6Page - STMicroelectronics L9911 Datasheet HTML 7Page - STMicroelectronics L9911 Datasheet HTML 8Page - STMicroelectronics L9911 Datasheet HTML 9Page - STMicroelectronics L9911 Datasheet HTML 10Page - STMicroelectronics L9911 Datasheet HTML 11Page - STMicroelectronics L9911 Datasheet HTML 12Page - STMicroelectronics L9911 Datasheet HTML 13Page - STMicroelectronics L9911 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
L9911
10/15
Figure 12. Soft start characteristics (always activated at engine start)
Ign. sw
on
off
Time (sec)
Time (sec)
Time (sec)
Time (sec)
Engine speed (rpm)
Field current (A)
W/Lamp
(soft attack inhibition Alt. speed)
(soft start enable Alt. speed)
0.5s min
0.5s min
Soft start
delay time
Soft start
delay time
Soft start
delay time
Soft start
timing
Soft start
timing
Soft start
timing
on
off
Ign. sw on
Starter on
E/G stop
and Ign. sw off
Ign. sw on
Starter on
E/G stop
Starter on
0.15s~0.5s
0.15s~0.5s
Engine start
Engine start
Engine restart
Soft attack inhibition
Alt. speed > E/G speed
Soft attack inhibition
Alt. speed < E/G speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com