Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9911 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9911
Description  CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9911 Datasheet(HTML) 3 Page - STMicroelectronics

  L9911 Datasheet HTML 1Page - STMicroelectronics L9911 Datasheet HTML 2Page - STMicroelectronics L9911 Datasheet HTML 3Page - STMicroelectronics L9911 Datasheet HTML 4Page - STMicroelectronics L9911 Datasheet HTML 5Page - STMicroelectronics L9911 Datasheet HTML 6Page - STMicroelectronics L9911 Datasheet HTML 7Page - STMicroelectronics L9911 Datasheet HTML 8Page - STMicroelectronics L9911 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
L9911
Table 5. ELECTRICAL CHARACTERISTCS
(Tj = -40°C to 150°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vbat
Operating Supply Voltage
7
18
V
Ib-sinked
Supply Battery Current
25
mA
Ib-stby
Stand-by Current
B+ = 12.5V, F+ = 0V
500
µA
Vreg 1
Regulated Voltage & Thermal
Drift.
3 configurations available,
selectable by mask option
(see Table.8).
Ialt=1A-0.9*Inom; Tcase=20ºC;
1400<rpm<RPMMAX (Fig. 3)
14.0
-4.5
14.4
-3.5
14.8
-2.5
V
mV/°C
Vreg 2
Ialt=10A; Tcase=23ºC;
rpm=6000rpm;15V max (Fig. 4)
14.35
-11.8
14.5
-10
14.65
-8.2
V
mV/°C
Vreg 3
Ialt=10A; Tcase=23ºC;
rpm=6000rpm (Fig. 5)
14.35
-6
14.5
-4
14.65
-2
V
mV/°C
Delta
Vrpm
1400<rpm<RPMMAX; Ialt=10A
200
mV
Delta
Vload
5A<Ialt<Inom; rpm=6000rpm
250
mV
Vreg-less
Reg. Voltage without Battery
Ialt = 3A resistive; Tcase=25º;
2000<rpm<RPMMAX
12
16
V
Vov-p
Overvoltage protection
threshold
Voltage on pin
B+ to disable L
drivers
High and low
side driver off
18
22
V
Vov-d
Overvoltage diagnosis
threshold
VB+ to turn on L low side driver at
VF+ > VS1
Vreg -
5%
Vreg
Vreg +
5%
V
Tj-sd
Thermal shutdown threshold
Temperature to disable F+, DFM, L
(high & low side drivers)
160
175
190
ºC
Tj-sd-dwn
Thermal Shut-down
hysteresis
L/F+/DFM from OFF STATE (due to
thermal shutdown) to ON STATE
Tj-sd-
10
Tj-sd-2
ºC
Vuv-1
Under voltage diagnosis
threshold
VB+ to turn on L low side driver
7.7
8.6
9.5
V
Vuv-up
VB+ to turn off L low side driver
Vuv +
0.40
Vuv +
0.50
Vuv+
0.60
V
VF+_sat
Field driver saturation voltage Tj = 150ºC; I = 4.5A
0.6
V
Tj = 25ºC; I = 7A
0.55
V
Vf
Freewheeling diode F+
I=5A
2
V
If_SCTH
Field short circuit driver
protection threshold current
(see fig. 16
F+ = 0V; Tj = -40ºC
11
18
A
F+ = 0V; Tj = -25ºC
8.5
18
A
F+ = 0V; Tj = -150ºC
5.5
18
A
Vs1
Field driver ON-state
detection
4.5
5.5
V
f-pre
Pre-excitation frequency
283
333
383
Hz
Duty-pre
Pre-excitation Field driver
ON-duty
15.93
18.75
21.57
%
t-rise
Output Voltage Rise Time
Ifield = 3A resistive (Fig. 7)
10
50
µs
t_fall
Output Voltage Fall Time
Ifield = 3A resistive (Fig. 7)
10
50
µs
Fsw_F+
Field switching frequency
Ialt=1A~0.9*Inom;1400rpm<rpm<R
PMMAX
250
400
Hz
If_leak
Output Field Driver Leakage
Current
B+ = 24V; VF+ = 0
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com