Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS2901CD Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # MAS2901CD
Description  RADIATION HARD 4-BIT MICROPROCESSOR SLICE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAS2901CD Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  MAS2901CD Datasheet HTML 1Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 2Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 3Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 4Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 5Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 6Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 7Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 8Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MA2901
4
In the shift up mode, the RAM3 buffer is enabled and the
RAM0 multiplexer input is enabled. Likewise, in the shift down
mode, the RAM0 buffer and RAM3 input are enabled. In the no-
shift mode, both buffers are in the high-impedance state and
the multiplexer inputs are not selected. The shifter is controlled
from the I6, I7 and I8 microinstruction inputs as defined in Figure
4.
Similarly, the Q register is driven from a 3-input
multiplexer. In the non-shift mode, the multiplexer enters the
ALU data into the Q register. In either the shift-up or shift-down
mode, the multiplexer selects the Q register data appropriately
shifted up or down. The Q shifter also has two ports; one is
labeled Q0 and the other is Q3. The operation of these two
ports is similar to the RAM shifter and is also controlled from I6,
I7 and I8 as shown in Figure 4.
The clock input shown in Figure 1 controls the RAM, the Q
resister and the A and B data latches. When enabled, data is
clocked into the Q register on the LOW-to-HlGH transition of
the clock. When the clock input is HIGH, the A and B latches
are open and will pass whatever data is present at the RAM
outputs. When the clock input is LOW, the latches are closed
and will retain the last data entered. If the RAM-EN is enabled
new data will be written into the RAM file (word) defined by the
B address field when the clock input is LOW.
SOURCE OPERANDS & ALU FUNCTION
Any one of eight source operand pairs can be selected by
instruction inputs lo, l1 and I2 for use by the ALU; instruction
inputs I3, I4, and I5 then control function selection for the ALU -
five logic and three arithmetic functions. In the arithmetic
mode, the carry input (Cn) also affects the ALU functions; the
carry input has no effect on the ‘F’ result in the logic mode.
These control parameters (I6 - l0 and Cn) are summarised in
Figure 5 to completely define the ALU/source operand
functions.
The ALU functions can also be examined on a task basis:
that is, add, subtract, AND, OR, and so on. Again, in the
arithmetic mode, the carry input still affects the result, whereas
in the logic mode it will not. Figures 6 and 7, respectively,
define the various logic and arithmetic functions of the ALU;
both carry states (Cn = 0 / Cn = 1) are defined in the function
matrices.
X = Don't Care. Electrically, the shift pin is a TTL input internally connected to a TRI-STATE output which is in the high-impedance state.
B = Register addressed by 8 inputs. Up is towards MSB, Down is towards LSB.
Figure 4: ALU Destination Control
I 2,1,0Octal
0
1
2
3
4
5
6
7
Octal
I 5,4,3
ALU Source
/ALU
Function
A,Q
A,B
0,Q
0,B
0,A
D,A
D,Q
D,0
0
Cn=L
R plus S
Cn=H
A+Q
A+Q+1
A+B
A+B+1
Q
Q +1
B
B + 1
A
A + 1
D + A
D + A + 1
D + Q
D + Q + 1
D
D + 1
1
Cn=L
S minus R
Cn=H
Q-A-1
Q-A
B-A-1
B-A
Q -1
Q
B - 1
B
A - 1
A
A - D1
A - D
Q - D - 1
Q - D
-D - 1
- D
2
Cn=L
R minus S
Cn=H
A-Q-1
A-Q
A-B-1
A-B
-Q-1
- Q
- B - 1
- B
- A - 1
- A
D - A -1
D - A
D - Q - 1
D - Q
D - 1
D
3
R or S
A V Q
A V B
Q
B
A
D V A
D V Q
D
4
R and S
A
Λ Q
A
Λ B
0
0
0
D
Λ A
D
Λ Q
0
5
RN and S
AN
Λ Q
AN
Λ B
Q
B
A
DN
Λ A
DN
Λ Q
0
6
R EX-OR S
A
∇ Q
A
∇ B
Q
B
A
D
∇ A
D
∇ Q
D
7
R EX NOR S
AN
∇ QN
AN
∇ BN
Q
B
A
DN
∇ AN
DN
∇ QN
DN
+ = plus; - = minus; V = OR; Λ = AND; ∇ = EX-OR
Figure 5: Source Operand and ALU Function Matrix
Microcode
RAM Function
Q-Reg Function
Y
RAM Shifter
Q Shifter
I8
I7
I6
Octal
Code
Shift
Load
Shift
Load
Output
RAM0
RAM3
Q0
Q3
L
L
L
0
X
None
None
F
→ Q
F
X
X
X
X
L
L
H
1
X
None
X
None
F
X
X
X
X
L
H
L
2
None
F
→ B
X
None
A
X
X
X
X
L
H
H
3
None
F
→ B
X
None
F
X
X
X
X
H
L
L
4
Down
F/2
→ B
Q/2
→ Q
F
-
F0
IN3
Q0
IN3
H
L
H
5
Down
F/2
→ B
X
None
F
F0
IN3
Q0
X
H
H
L
6
Up
2F
→ B
Up
2Q
→ Q
F
IN0
F3
IN3
Q3
H
H
H
7
Up
2F
→ B
X
None
F
IN0
F3
X
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com