Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS2901CD Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # MAS2901CD
Description  RADIATION HARD 4-BIT MICROPROCESSOR SLICE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAS2901CD Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button MAS2901CD Datasheet HTML 2Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 3Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 4Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 5Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 6Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 7Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 8Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 9Page - Zarlink Semiconductor Inc MAS2901CD Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MA2901
5
Octal
Cn=0(Low)
Cn = 1 (High)
I 5,4,3/I 2,1,0
Group
Function
Group
Function
00
01
05
06
ADD
A + Q
A + B
D + A
D + Q
ADD
plus one
A + Q +1
A + B +1
D + A +1
D + Q + 1
02
03
04
07
PASS
Q
B
A
D
Increment
Q +1
B + 1
A + 1
D + 1
12
13
14
27
Decrement
Q - 1
B - 1
A - 1
D - 1
PASS
Q
B
A
D
22
23
24
17
1s comp
- Q - 1
- B - 1
- A - 1
- D - 1
2s comp
(negate)
- Q
- B
- A
- D
10
11
15
16
20
21
25
26
SUBTRACT
(1s comp)
Q - A -1
B - A-1
A - D-1
Q - D-1
A - Q-1
A - B-1
D - A-1
D - Q-1
SUBTRACT
(2s comp)
Q - A
B - A
A - D
Q - D
A - Q
A - B
D - A
D - Q
Octal
I 5,4,3 /I 2,1,0
Group
Function
40
41
45
46
AND
A
Λ Q
A
Λ B
D
Λ A
D
Λ Q
30
31
35
36
OR
A V Q
A V B
D V A
D V Q
60
61
65
66
EX-OR
A
∇ Q
A
∇ B
D
∇ A
D
∇ Q
70
71
75
76
EX-NOR
AN
∇ QN
AN
∇ BN
DN
∇ AN
DN
∇ QN
72
73
74
77
INVERT
Q
B
A
D
62
63
64
67
PASS
Q
B
A
D
32
33
34
37
PASS
Q
B
A
D
40
43
44
47
‘ZERO’
0
0
0
0
50
51
55
56
AND
AN
Λ Q
AN
Λ B
DN
Λ A
DN
Λ Q
+ = plus; - = minus; V = OR; Λ = AND; ∇ = EX-OR
Figure 6: ALU Logic Mode Functions (Cn Irrelevant)
Figure 7: ALU Arithmetic Mode Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com