Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2321ASC Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD2321ASC
Description  ULTRA LOW VOS EPAD DUAL CMOS ANALOG VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2321ASC Datasheet(HTML) 7 Page - Advanced Linear Devices

  ALD2321ASC Datasheet HTML 1Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 2Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 3Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 4Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 5Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 6Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 7Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ALD2321A/ALD2321B
Advanced Linear Devices
7
ALD2321
TYPICAL APPLICATIONS
VOLTAGE COMPARATOR WITH OUTPUT LEVEL
SHIFT AND HIGH CURRENT LOAD DRIVER
VOLTAGE COMPARATOR WITH
COMPLEMENTARY OUTPUT DRIVERS
VOLTAGE COMPARATOR WITH +/-5V
SUPPLY AND OUTPUT LEVEL SHIFT
VOLTAGE COMPARATOR WITH OUTPUT
FEEDBACK TO PROVIDE HYSTERSIS
VOLTAGE COMPARATOR WITH
COMPLEMENTARY OUTPUTS
+
-
+5V
VA= 0V to +10V
+10V
0
VOUT
VIN+
VIN-
VOUT
VOLTAGE COMPARATOR WITH SINGLE
SUPPLY AND OUTPUT LEVEL SHIFT
VOUT
VR
VIN
2.2M
OUTH
VE22
+5V
+5V
RLoad
OUT
+
-
15K
-5V
+5V
VOUT
15K
100K
100K
0.1
µF
0.1
µF
+5V
0
VOUT
+5V
VIN+
VIN-
+5V
OUTH
+
-
+5V
RLoad1
=200
Ω
-5V
VA= 1V to +30V
RLoad2=1K
2N2222
15K
+
-
-5V
+5V
R2=50
200
Ω
+5V
R1= 15K
RLoad
VOUT
VIN+
VIN-
0.066V
-4V
VOUT
-
-
+
+
Q
Q
VIN
VREF
V+
1/2 ALD2321
1/2 ALD2321



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com