Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2321ASC Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2321ASC
Description  ULTRA LOW VOS EPAD DUAL CMOS ANALOG VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2321ASC Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2321ASC Datasheet HTML 1Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 2Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 3Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 4Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 5Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 6Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 7Page - Advanced Linear Devices ALD2321ASC Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ULTRA LOW VOS EPAD® DUAL CMOS ANALOG VOLTAGE COMPARATOR
ALD2321A/ALD2321B
ALD2321
ADVANCED
LINEAR
DEVICES, INC.
ORDERING INFORMATION
PIN CONFIGURATION
* Contact factory for industrial temperature range
© 2004 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com
*N/C pins are connected internally. Do not connect externally.
APPLICATIONS
* Low level signal detector
* Dual limit window comparator
* Power supply voltage monitor
* Photo-detector sensor circuit
* Relay or LED driver
* Oscillators
* Battery operated instruments
* Remote signal detection
Operating Temperature Range*
0
°C to +70°C
0
°C to +70°C
-55
°C to +125°C
16-pin
16-Pin
16-Pin
Small Outline Package
Plastic DIP Package
Ceramic DIP Package
(SOIC)
(PDIP)
(CDIP)
ALD2321ASC
ALD2321APC
ALD2321ADC
ALD2321BSC
ALD2321BPC
ALD2321BDC
ALD2321SC
ALD2321PC
ALD2321DC
GENERAL DESCRIPTION
The ALD2321A/ ALD2321B/ ALD2321 is a monolithic Precision Dual
Voltage Comparator, each having integrated dual complementary
output drivers. It is constructed using advanced silicon gate CMOS
technology. Key features of the ALD2321A/ ALD2321B/ ALD2321
include very high input impedance, very low offset voltage utilizing on-
chip e-trim (EPAD® electronic-trimming) technology, flexible multiple
output configurations and fast response time with small overdrive
voltage. It is designed for ultra low level signal detection from high
impedance sources. For many applications the ALD2321A/ ALD2321B/
ALD2321 can eliminate an input amplification stage, a precision input
bias stage, a signal level shift stage and an output buffer stage, and do
the entire job from low level input signal detection to high output driver
---- all on a single chip.
The input voltage includes ground, making this voltage comparator ideal
for single supply +5V or dual supply +/- 5V powered systems. For dual
supply applications, GND pin is connected to the most negative supply
instead of Ground (0.0V). The negative supply voltage can be at any
value between 0.0V and -5V. Each voltage comparator is individually
trimmed at the factory for minimum offset voltage at ground voltage
potential, making the ALD2321A/ ALD2321B/ ALD2321 at its best offset
voltage and ready to compare very low signal level voltages at or near
ground potential. Typically a signal less than 1 mV can be resolved and
detected reliably without requiring amplification. Sensor or detector
signals with signal power as low as 0.004 pW(4 x 10-15 Watt) can be
readily detected.
Each voltage comparator has two complementary output pins, one for
Source Output (OUTH)and the other for Sink Output (OUT). This dual
complementary output allows maximum circuit design flexibility. The
outputs can be used as Single-Ended Driver, Multiple WIRED-OR
Outputs, Push-Pull Outputs or Complementary Outputs. The Sink
Output can be used as an open drain output, which has current sink
capability of up to 50 mA. It can also be connected to an external voltage
higher or lower than V+, which provide level shift of the output swing
levels from other than V+ to GND.
PRODUCT FEATURES
* Ultra low signal power of 4 fW detectable
* Ultra low offset voltage of max. 0.2 mV
* Ultra low input bias currents of typ. 0.01pA
* Low supply current of 110
µA typical
* Virtually eliminates source impedance effects
* Low operating supply voltage of 3V to 10V
* Single +5V and dual supply
±5V operation
* High speed for both small and large level
signals 300ns typical for TTL inputs
* CMOS, NMOS and TTL compatible
* Each comparator has separate push and pull
outputs
* High output sink current - typically 50mA
* Low supply current spikes
* Fanout of 30 TTL loads
V+
1
2
3
14
15
16
4
13
5
12
N/C*
6
7
8
10
11
OUT1H
-IN1
OUT1
VE11
N/C*
VE12
9
VE22
VE21
OUT2H
OUT2
DC, PC, SC PACKAGE
-IN2
+IN2
+IN1
GND
*


Similar Part No. - ALD2321ASC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2321ASCL ALD-ALD2321ASCL Datasheet
96Kb / 11P
ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
More results

Similar Description - ALD2321ASC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATOR
Feb-2002
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
CMOS Low power voltage dual comparator
logo
Advanced Linear Devices
ALD2321 ALD-ALD2321_10 Datasheet
96Kb / 11P
ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
logo
Rohm
BU7232FVM-TR ROHM-BU7232FVM-TR Datasheet
455Kb / 17P
Low Voltage CMOS Comparator
logo
ELM Electronics
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
CMOS Low power voltage dual comparator
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
logo
Analog Devices
OP207 AD-OP207 Datasheet
150Kb / 6P
Dual Ultra-Low Vos Matched Operational Amplifier
18-Jul-2017
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com