Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC02BTE/SN Datasheet(PDF) 6 Page - Microchip Technology

Part # 24LC02BTE/SN
Description  2K I2C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC02BTE/SN Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24LC02BTE/SN Datasheet HTML 2Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 3Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 4Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 5Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 6Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 7Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 8Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 9Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
24AA02/24LC02B
DS21709C-page 6
 2003 Microchip Technology Inc.
3.6
Device Addressing
A control byte is the first byte received following the
Start condition from the master device. The control byte
consists of a four-bit control code. For the 24XX02, this
is set as ‘1010
’ binary for read and write operations.
The next three bits of the control byte are ‘don’t care’s’
for the 24XX02.
The last bit of the control byte defines the operation to
be performed. When set to ‘1’, a read operation is
selected. When set to ‘0’, a write operation is selected.
Following the Start condition, the 24XX02 monitors the
SDA bus checking the device type identifier being
transmitted and, upon a
‘1010’ code, the slave device
outputs an Acknowledge signal on the SDA line.
Depending on the state of the R/W bit, the 24XX02 will
select a read or write operation.
FIGURE 3-2:
CONTROL BYTE
ALLOCATION
Operation
Control
Code
Block Select
R/W
Read
1010
Block Address
1
Write
1010
Block Address
0
101
0
XX
X
R/W
A
START
READ/WRITE
SLAVE ADDRESS
X = ‘Don’t care’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com