Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC02BTE/SN Datasheet(PDF) 12 Page - Microchip Technology

Part # 24LC02BTE/SN
Description  2K I2C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC02BTE/SN Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24LC02BTE/SN Datasheet HTML 8Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 9Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 10Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 11Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 12Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 13Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 14Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 15Page - Microchip Technology 24LC02BTE/SN Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
24AA02/24LC02B
DS21709C-page 12
 2003 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
8-Lead TSSOP
Example:
24LC02B
I/P13F
0327
24LC02B
I/SN0327
13F
8-Lead MSOP
Example:
XXXX
XYWW
NNN
XXXXXX
YWWNNN
4L02
I327
13F
4L02BI
32713F
Legend:
XX...X
Customer specific information*
T
Temperature grade (I,E)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard QTP marking consists of Microchip part number, year code, week code, and traceability code.
5-Lead SOT-23
Example:
XXNN
M23F
Part
Number
TSSOP/MSOP
Marking Codes
STD
Pb-Free
24AA02
4A02
G4A2
24LC02B
4L02
G4L2
Part Number
SOT-23
Marking Codes
STD
Pb-Free
24AA02
B2
B2
24LC02B-I
M2
M2
24LC02B-E
N2
N2
Note:
Pb-free part number using
“G” suffix is
marked
on
carton.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com