Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM5221A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # COM5221A
Description  (COTS) COMMERCIAL OFF-THE-SHELF HIGH EFFICIENCY, CENTER-TAP RECTIFIER IN TO-254AA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM5221A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  COM5221A Datasheet HTML 1Page - List of Unclassifed Manufacturers COM5221A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COM5221A - COM5226A
3.2
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
ELECTRICAL CHARACTERISTICS (Per Diode)
Maximum
Maximum
Maximum
Maximum
Type
PIV
Forward Voltage
Reverse Current
Reverse
Thermal
(Volts) @
(1)
@ PIV
Recovery
Resist.
Tj= 25° C
Tj= 100° C
Tj= 25° C
Tj= 100° C
Time
(2)
R q
qJC
COM5221A
50
COM5222A
100
1.2V @ 12A
1.1V @ 12A
20 µA
1.0 mA
35 nsec
2.0
COM5223A
150
COM5224A
200
COM5225A
400
2.0
COM5226A
600
1.6V @ 12A
1.4V @ 12A
20 µA
2.0 mA
50 nsec
(1) Pulse Test: Pulse Width = 300µs, Duty Cycle
2.0%.
(2)
Measured in Circuit: IF = 0.5 A, IR = 1.0 A, IREC = 0.25 A
50 V TO 200 V
TYPICAL FORW ARD VOLTA G E
COM5221, 5222, 5223, 5224
400 V TO 600 V
TYPICAL FORW ARD VOLTA G E
COM5225, COM526
100
10
50
20
1.0
5.0
2.0
0.1
0.5
0.2
0.01
0.05
0.02
0
20
40
60
80
100 120
140 160 180 200
TYPICAL REVERSE CURRENT
COM5221, 5222, 5223, 5224
100
10
50
20
1.0
5.0
2.0
0.1
0.5
0.2
0.01
0.05
0.02
0
50
100
150 200 250 300
350 400 450 500
TYPICAL REVERSE CURRENT
COM5225, COM5226
100°C
T
J = 150°C
VR = REVERSE VOLTAGE (VOLTS)
25°C
T
J = 150°C
100°C
25°C
VR = REVERSE VOLTAGE (VOLTS)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com