Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM5221A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # COM5221A
Description  (COTS) COMMERCIAL OFF-THE-SHELF HIGH EFFICIENCY, CENTER-TAP RECTIFIER IN TO-254AA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM5221A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  COM5221A Datasheet HTML 1Page - List of Unclassifed Manufacturers COM5221A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 1
3.2
8 09 R0
(COTS) COMMERCIAL OFF-THE-SHELF HIGH
EFFICIENCY, CENTER-TAP RECTIFIER IN TO-254AA
FEATURES
• Low Forward Voltage
• Fast Switching Speed
• Hermetic Metal Package, JEDEC TO-254AA
• High Surge
• Small Size
• Isolated Package
• Standard Off-The-Shelf
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at power
switching frequencies in excess of 100 kHz.
The series combines two high efficiency
devices into one package, simplifying installation, reducing heat sink hardware, and
the need to obtain matched components.
These devices are ideally suited for Hi-Rel
applications where small size and a hermetically sealed package is required.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25°C
Peak Inverse Voltage .......................................... 50to
600 V Maximum Average D.C. Output Current @ TC =100°C.................
. . 12 A Non-Repetitive Sinusoidal Surge Current 8.3 ms . . . . . . . . . . . . . . . . . . . .
. . . . 100 A Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55°
C to + 150° C Z
COM5225A
COM5226A
24 Amp, 50 To 600 Volts, 35 To 50 nsec
.144 DIA.
.050
.040
.260
.249
.685
.665
.800
.790
.545
.535
.550
.510
.045
.035
.550
.530
.150 TYP.
.150 TYP.
.005
MECHANICAL OUTLINE
COM5221A
COM5222A
COM5223A
COM5224A
COMMON
CATHODE
1
3
2
SCHEMATIC
12
3
Common cathode is standard.
Contact the factory for performance
characteristics for common anode and doubler.
Standard Products are supplied with glass feedthroughs.


Similar Part No. - COM5221A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM5016 ETC2-COM5016 Datasheet
122Kb / 2P
DUAL BAUD RATE GEBERATOR
COM5016T ETC2-COM5016T Datasheet
122Kb / 2P
DUAL BAUD RATE GEBERATOR
COM5036 ETC2-COM5036 Datasheet
122Kb / 2P
DUAL BAUD RATE GEBERATOR
COM5036T ETC2-COM5036T Datasheet
122Kb / 2P
DUAL BAUD RATE GEBERATOR
More results

Similar Description - COM5221A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM117T ETC-COM117T Datasheet
17Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE
COM137T ETC-COM137T Datasheet
18Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP NEGATIVE, ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PKG
COM140T ETC-COM140T Datasheet
52Kb / 4P
(COTS) COMMERCIAL OFF-THE-SHELF POWER MOSFETS IN TO-257AA PACKAGE
logo
International Rectifier
OM5324SA IRF-OM5324SA Datasheet
24Kb / 2P
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
logo
List of Unclassifed Man...
OM5204SC ETC1-OM5204SC Datasheet
35Kb / 2P
HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201ST ETC-OM5201ST Datasheet
35Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5221SA ETC2-OM5221SA Datasheet
40Kb / 2P
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5262SA ETC2-OM5262SA Datasheet
27Kb / 2P
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER
OM5257SA ETC2-OM5257SA Datasheet
23Kb / 2P
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
logo
Kemet Corporation
F9038 KEMET-F9038 Datasheet
153Kb / 8P
Ceramic Commercial-Off-The-Shelf Surface Mount Capacitors (COTS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com