Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8245 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # PC8245
Description  Integrated Processor Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button PC8245 Datasheet HTML 9Page - ATMEL Corporation PC8245 Datasheet HTML 10Page - ATMEL Corporation PC8245 Datasheet HTML 11Page - ATMEL Corporation PC8245 Datasheet HTML 12Page - ATMEL Corporation PC8245 Datasheet HTML 13Page - ATMEL Corporation PC8245 Datasheet HTML 14Page - ATMEL Corporation PC8245 Datasheet HTML 15Page - ATMEL Corporation PC8245 Datasheet HTML 16Page - ATMEL Corporation PC8245 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
13
PC8245
2171D–HIREL–06/04
Figure 2 shows supply voltage sequencing and separation cautions.
Figure 2. Supply Voltage Sequencing and Separation Cautions
Notes:
1. Numbers associated with waveform separations correspond to caution numbers listed in Table “Recommended Operating
Conditions” on page 12.
2. Refer to section for additional information.
3. Refer to Table 7 on page 25 for additional information on PLL Relock and reset signal assertion timing requirements.
4. Refer to Table 9 on page 31 for additional information on reset configuration pin setup timing requirements.
5. HRST_CPU/HRST_CTRL must transition from a logic 0 to a logic 1 in less than one SDRAM_SYNC_IN clock cycle for the
device to be in the non-reset state.
GVdd_OVdd/(LVdd at 3.3V ----)
Vdd/AVdd/AVdd2
LVdd at 5V
Time
3.3V
5V
2.0V
0
7
10
9
9
10
6.8
Voltage
Regulator
Delay(2)
Reset
Configuration Pins
HRST_CPU &
HRST_CTRL
asserted 255
external memory
Clock cycles(3)
9 external memory
clock cycles setup time(4)
HRST_CPU,
HRST_CTRL
Vdd Stable
See Note (1)
VM = 1.4V
Maximum rise time must be less than
one external memory clock cycle(5)
100
µs
PLL
Relock
Time(3)
Power Supply Ramp Up(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com