Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8245 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # PC8245
Description  Integrated Processor Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button PC8245 Datasheet HTML 17Page - ATMEL Corporation PC8245 Datasheet HTML 18Page - ATMEL Corporation PC8245 Datasheet HTML 19Page - ATMEL Corporation PC8245 Datasheet HTML 20Page - ATMEL Corporation PC8245 Datasheet HTML 21Page - ATMEL Corporation PC8245 Datasheet HTML 22Page - ATMEL Corporation PC8245 Datasheet HTML 23Page - ATMEL Corporation PC8245 Datasheet HTML 24Page - ATMEL Corporation PC8245 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
21
PC8245
2171D–HIREL–06/04
RθJC is device-related and cannot be influenced by the user. The user controls the ther-
mal environment to change the case-to-ambient thermal resistance, RθCA. For instance,
the user can change the size of the heat sink, the air flow around the device, the inter-
face material, the mounting arrangement on the printed-circuit board, or the thermal
dissipation on the printed-circuit board surrounding the device.
To determine the junction temperature of the device in the application when heat sinks
are not used, the thermal characterization parameter (
θ
JT) can be used to determine the
junction temperature with a measurement of the temperature at the top center of the
package case using the following equation:
T
J = TT + (θJT x PD)
where:
T
T = thermocouple temperature atop the package (°C)
θ
JT = thermal characterization parameter (°C/W)
P
D = power dissipation in package (W)
The thermal characterization parameter is measured per JESD51-2 specification using
a 40-gauge type T thermocouple epoxied to the top center of the package case. The
thermocouple should be positioned so that the thermocouple junction rests on the pack-
age. A small amount of epoxy is placed over the thermocouple junction and over about 1
mm of wire extending from the junction. The thermocouple wire is placed flat against the
package case to avoid measurement errors caused by cooling effects of the thermocou-
ple wire.
When a heat sink is used, the junction temperature is determined from a thermocouple
inserted at the interface between the case of the package and the interface material. A
clearance slot or hole is normally required in the heat sink. Minimizing the size of the
clearance is important to minimize the change in thermal performance caused by
removing part of the thermal interface to the heat sink. Because of the experimental dif-
ficulties with this technique, many engineers measure the heat sink temperature and
then back calculate the case temperature using a separate measurement of the thermal
resistance of the interface.
From this case temperature, the junction temperature is determined from the junction-to-
case thermal resistance.
In many cases, it is appropriate to simulate the system environment using a computa-
tional fluid dynamics thermal simulation tool. In such a tool, the simplest thermal model
of a package which has demonstrated reasonable accuracy (about 20%) is a two-resis-
tor model consisting of a junction-to-board and a junction-to-case thermal resistance.
The junction-to-case covers the situation where a heat sink will be used or where a sub-
stantial amount of heat is dissipated from the top of the package. The junction-to-board
thermal resistance describes the thermal performance when most of the heat is con-
ducted to the printed-circuit board.
References
Semiconductor Equipment and Materials International
805 East Middlefield Rd.
Mountain View, CA 94043
(415) 964-5111
MIL-SPEC and EIA/JESD (JEDEC) specifications are available from Global Engineering
Documents at 800-854-7179 or 303-397-7956.
JEDEC specifications are available on the WEB at http://www.jedec.org.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com