Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSP080D7IP54 Datasheet(PDF) 2 Page - Schneider Electric

Part # PCSP080D7IP54
Description  Active harmonic filter 80 amp 600-690 VAC IP54 Enclosure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PCSP080D7IP54 Datasheet(HTML) 2 Page - Schneider Electric

  PCSP080D7IP54 Datasheet HTML 1Page - Schneider Electric PCSP080D7IP54 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
Enclosure degree of protection
IP54
Environmental characteristic
Operating 3C2 IEC 60721-3-3
Operating 3S2 IEC 60721-3-3
Storage 3C3 IEC 60721-3-3
Storage 3S3 IEC 60721-3-3
Operating altitude
<= 3280.84 ft (1000 m) 1 % per 100 m
Ambient air temperature for operation
32…104 °F (0…40 °C)
32…122 °F (0…50 °C) maximum with current derating of 2 % per °C
Relative humidity
0…95 %
PCBA protection
Conformal coated
Standards
UL 508
UL 60947-1
EN 60439-1
EN 61000-6-4
CSA C22.2 No 14
CSA C22.2 No 60947-1-07
Product certifications
CE
ABS
RCM
CULus
Ambient air temperature for storage
-4…140 °F (-20…60 °C)
Net weight
921.53 lb(US) (418 kg)
Height
82.68 in (2100 mm)
Width
51.18 in (1300 mm)
Color
Light gray RAL 7035)
Depth
19.69 in (500 mm)
Ordering and shipping details
Category
00089 - ACTIVE FILTERS
Discount Schedule
DE2C
GTIN
03606480851445
Returnability
No
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com