Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSP080D7IP54 Datasheet(PDF) 1 Page - Schneider Electric

Part # PCSP080D7IP54
Description  Active harmonic filter 80 amp 600-690 VAC IP54 Enclosure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PCSP080D7IP54 Datasheet(HTML) 1 Page - Schneider Electric

  PCSP080D7IP54 Datasheet HTML 1Page - Schneider Electric PCSP080D7IP54 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
PCSP080D7IP54
Active harmonic filter 80 amp 600-690 VAC IP54
Enclosure
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 117,928.00 USD
Main
Range of product
AccuSine
Product name
AccuSine PCS+
Product or component type
Active harmonic filter
Complementary
Network type
3P
Network configuration
3 or 4 wires
Network rated voltage
600…690 V AC
Network frequency
50/60 Hz +/- 3 Hz auto sensing
Maximum permissible voltage
1.1 x Un
Neutral correction
Not provided
RMS output current rating
80 A
Reactive power rating
96 kvar 690 V AC 50/60 Hz
Operating modes
Mains current balancing
Power factor correction
Harmonic cancellation
Installation location
Indoor
Enclosure mounting
Floor-standing
Protection type
Switch-disconnector fuse
Disconnect type
Door-interlocked with rotary handle
Interrupt capacity
80 kA
Heat dissipation
Rear plenum with forced ventilation for high heat flow
Electromagnetic compatibility
Conducted EMC, class A EN 61000-6-4
Accessibility for operation
Front
Location of connection
Top or bottom
May 21, 2020
1


Similar Part No. - PCSP080D7IP54

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PCSP080D7IP31 SCHNEIDER-PCSP080D7IP31 Datasheet
97Kb / 2P
Active harmonic filter 80 amp 600-690 VAC IP31 Enclosure
May 21, 2020
More results

Similar Description - PCSP080D7IP54

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PCSP040D7IP54 SCHNEIDER-PCSP040D7IP54 Datasheet
100Kb / 2P
Active harmonic filter 40 amp 600-690 VAC IP54 Enclosure
May 21, 2020
PCSP047D6IP54 SCHNEIDER-PCSP047D6IP54 Datasheet
100Kb / 2P
Active harmonic filter 47 amp 500-600 VAC IP54 Enclosure
May 21, 2020
PCSP080D7IP31 SCHNEIDER-PCSP080D7IP31 Datasheet
97Kb / 2P
Active harmonic filter 80 amp 600-690 VAC IP31 Enclosure
May 21, 2020
PCSP080D7N2 SCHNEIDER-PCSP080D7N2 Datasheet
97Kb / 2P
Active harmonic filter 80 amp 600-690 VAC N2 Enclosure
May 21, 2020
PCSP080D7N12 SCHNEIDER-PCSP080D7N12 Datasheet
100Kb / 2P
Active harmonic filter 80 amp 600-690 VAC N12 Enclosure
PCSP094D6IP54 SCHNEIDER-PCSP094D6IP54 Datasheet
100Kb / 2P
Active harmonic filter 94 amp 500-600 VAC IP54 Enclosure
PCSP133D7IP54 SCHNEIDER-PCSP133D7IP54 Datasheet
103Kb / 2P
Active harmonic filter 133 amp 600-690 VAC IP54 Enclosure
PCSP157D6IP54 SCHNEIDER-PCSP157D6IP54 Datasheet
104Kb / 2P
Active harmonic filter 157 amp 500-600 VAC IP54 Enclosure
May 21, 2020
PCSP200D7IP54 SCHNEIDER-PCSP200D7IP54 Datasheet
104Kb / 2P
Active harmonic filter 200 amp 600-690 VAC IP54 Enclosure
May 21, 2020
PCSP235D6IP54 SCHNEIDER-PCSP235D6IP54 Datasheet
104Kb / 2P
Active harmonic filter 235 amp 500-600 VAC IP54 Enclosure
May 21, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com