Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSP200D2IP00 Datasheet(PDF) 2 Page - Schneider Electric

Part # PCSP200D2IP00
Description  Active harmonic filter 200 amp 208-240 VAC IP00 Enclosure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PCSP200D2IP00 Datasheet(HTML) 2 Page - Schneider Electric

  PCSP200D2IP00 Datasheet HTML 1Page - Schneider Electric PCSP200D2IP00 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental characteristic
Operating 3C2 IEC 60721-3-3
Operating 3S2 IEC 60721-3-3
Storage 3C3 IEC 60721-3-3
Storage 3S3 IEC 60721-3-3
Operating altitude
<= 3280.84 ft (1000 m) 1 % per 100 m
Ambient air temperature for operation
32…104 °F (0…40 °C)
32…122 °F (0…50 °C) maximum with current derating of 2 % per °C
Relative humidity
0…95 %
PCBA protection
Conformal coated
Standards
EN 61000-6-4
CSA C22.2 No 60947-1-07
CSA C22.2 No 14
UL 60947-1
EN 60439-1
UL 508
Product certifications
ABS
CULus
RCM
DNV-GL
CE
Ambient air temperature for storage
-4…140 °F (-20…60 °C)
Net weight
385.81 lb(US) (175 kg)
Height
52.09 in (1323 mm)
Width
22.91 in (582 mm)
Color
Light gray RAL 7035)
Depth
17.24 in (438 mm)
Ordering and shipping details
Category
00089 - ACTIVE FILTERS
Discount Schedule
DE2C
Returnability
No
Country of origin
US
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com