Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSP200D2IP00 Datasheet(PDF) 1 Page - Schneider Electric

Part # PCSP200D2IP00
Description  Active harmonic filter 200 amp 208-240 VAC IP00 Enclosure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PCSP200D2IP00 Datasheet(HTML) 1 Page - Schneider Electric

  PCSP200D2IP00 Datasheet HTML 1Page - Schneider Electric PCSP200D2IP00 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
PCSP200D2IP00
Active harmonic filter 200 amp 208-240 VAC IP00
Enclosure
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 69,003.00 USD
Main
Range of product
AccuSine
Product name
AccuSine PCS+
Product or component type
Active harmonic filter
Complementary
Network type
3P
Network configuration
3 or 4 wires
Network rated voltage
208…240 V AC
Network frequency
50/60 Hz +/- 3 Hz auto sensing
Maximum permissible voltage
1.1 x Un
Neutral correction
Not provided
RMS output current rating
200 A
Reactive power rating
83.1 kvar 240 V AC 50/60 Hz
Operating modes
Mains current balancing
Harmonic cancellation
Power factor correction
Installation location
Indoor
Enclosure mounting
Wall mounted
Protection type
Without protection
Heat dissipation
Rear plenum with forced ventilation for high heat flow
Electromagnetic compatibility
Conducted EMC, class A EN 61000-6-4
Accessibility for operation
Front
Location of connection
Bottom
Environment
Enclosure degree of protection
IP00
May 21, 2020
1


Similar Part No. - PCSP200D2IP00

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PCSP200D2IP31 SCHNEIDER-PCSP200D2IP31 Datasheet
83Kb / 2P
Active harmonic filter 200 amp 208-240 VAC IP31 Enclosure
May 21, 2020
PCSP200D2IP54 SCHNEIDER-PCSP200D2IP54 Datasheet
80Kb / 2P
Active harmonic filter 200 amp 208-240 VAC IP54 Enclosure
May 21, 2020
More results

Similar Description - PCSP200D2IP00

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PCSP060D2IP00 SCHNEIDER-PCSP060D2IP00 Datasheet
58Kb / 2P
Active harmonic filter 60 amp 208-240 VAC IP00 Enclosure
May 21, 2020
PCSP060D2N2 SCHNEIDER-PCSP060D2N2 Datasheet
60Kb / 2P
Active harmonic filter 60 amp 208-240 VAC N2 Enclosure
May 21, 2020
PCSP120D2IP00 SCHNEIDER-PCSP120D2IP00 Datasheet
58Kb / 2P
Active harmonic filter 120 amp 208-240 VAC IP00 Enclosure
PCSP120D2N2 SCHNEIDER-PCSP120D2N2 Datasheet
60Kb / 2P
Active harmonic filter 120 amp 208-240 VAC N2 Enclosure
PCSP120D2N12 SCHNEIDER-PCSP120D2N12 Datasheet
60Kb / 2P
Active harmonic filter 120 amp 208-240 VAC N12 Enclosure
PCSP200D2IP31 SCHNEIDER-PCSP200D2IP31 Datasheet
83Kb / 2P
Active harmonic filter 200 amp 208-240 VAC IP31 Enclosure
May 21, 2020
PCSP200D2IP54 SCHNEIDER-PCSP200D2IP54 Datasheet
80Kb / 2P
Active harmonic filter 200 amp 208-240 VAC IP54 Enclosure
May 21, 2020
PCSP200D2N2 SCHNEIDER-PCSP200D2N2 Datasheet
60Kb / 2P
Active harmonic filter 200 amp 208-240 VAC N2 Enclosure
May 21, 2020
PCSP200D2N12 SCHNEIDER-PCSP200D2N12 Datasheet
60Kb / 2P
Active harmonic filter 200 amp 208-240 VAC N12 Enclosure
May 21, 2020
PCSP300D2IP00 SCHNEIDER-PCSP300D2IP00 Datasheet
58Kb / 2P
Active harmonic filter 300 amp 208-240 VAC IP00 Enclosure
May 21, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com