Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX53DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPX53DP
Description  MPX53, 0 to 50 kPa, Differential and Gauge, Uncompensated, Silicon Pressure Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX53DP Datasheet(HTML) 3 Page - NXP Semiconductors

  MPX53DP Datasheet HTML 1Page - NXP Semiconductors MPX53DP Datasheet HTML 2Page - NXP Semiconductors MPX53DP Datasheet HTML 3Page - NXP Semiconductors MPX53DP Datasheet HTML 4Page - NXP Semiconductors MPX53DP Datasheet HTML 5Page - NXP Semiconductors MPX53DP Datasheet HTML 6Page - NXP Semiconductors MPX53DP Datasheet HTML 7Page - NXP Semiconductors MPX53DP Datasheet HTML 8Page - NXP Semiconductors MPX53DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPX53
Sensors
Freescale Semiconductor, Inc.
3
1
General Description
1.1
Block diagram
Figure 1 shows a schematic of the internal circuitry on the stand-alone pressure sensor chip.
Figure 1. Uncompensated pressure sensor schematic
1.2
Pinout
Figure 2. Device pinout (front view)
Table 1. Pin functions
Pin
Name
Function
1
GND
Ground, denoted by notch.
2+VOUT
Output voltage
3VS
Voltage supply
4-VOUT
Output voltage
3
GND
Sensor
+VOUT
-VOUT
+VS
2
1
4
1
234
Pin 1
identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com