Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX53DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPX53DP
Description  MPX53, 0 to 50 kPa, Differential and Gauge, Uncompensated, Silicon Pressure Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX53DP Datasheet(HTML) 5 Page - NXP Semiconductors

  MPX53DP Datasheet HTML 1Page - NXP Semiconductors MPX53DP Datasheet HTML 2Page - NXP Semiconductors MPX53DP Datasheet HTML 3Page - NXP Semiconductors MPX53DP Datasheet HTML 4Page - NXP Semiconductors MPX53DP Datasheet HTML 5Page - NXP Semiconductors MPX53DP Datasheet HTML 6Page - NXP Semiconductors MPX53DP Datasheet HTML 7Page - NXP Semiconductors MPX53DP Datasheet HTML 8Page - NXP Semiconductors MPX53DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPX53
Sensors
Freescale Semiconductor, Inc.
5
2.3
Voltage output versus applied differential pressure
The differential voltage output of the sensor is directly proportional to the differential pressure (P1) relative to the vacuum side
(P2). Similarly, output voltage increases as increasing vacuum is applied to the vacuum side (P2) relative to the pressure side
(P1).
2.4
Temperature compensation
Figure 3 shows the typical output characteristics of the MPX53 series over temperature.
The piezoresistive pressure sensor element is a semiconductor device which gives an electrical output signal proportional to the
pressure applied to the device. This device uses a unique transverse voltage diffused semiconductor strain gauge which is
sensitive to stresses produced in a thin silicon diaphragm by the applied pressure.
Because this strain gauge is an integral part of the silicon diaphragm, there are no temperature effects due to differences in the
thermal expansion of the strain gauge and the diaphragm, as are often encountered in bonded strain gauge pressure sensors.
However, the properties of the strain gauge itself are temperature dependent, requiring that the device be temperature
compensated if it is to be used over an extensive temperature range.
Temperature compensation and offset calibration can be achieved rather simply with additional resistive components, or by
designing your system using the MPX2053 series sensors.
Several approaches to external temperature compensation over –40 to +125 °C and 0 to +80 °C are presented in Freescale
Application Note, AN840.
2.5
Linearity
Linearity refers to how well a transducer's output follows the equation: VOUT = VOFF + (sensitivity x P) over the operating pressure
range (see Figure 3). There are two basic methods for calculating nonlinearity: (1) end point straight line fit or (2) a least squares
best line fit. While a least squares fit gives the “best case” linearity error (lower numerical value), the calculations required are
burdensome.
Conversely, an end point fit will give the “worst case” error (often more desirable in error budget calculations) and the calculations
are more straightforward for the user. Freescale’s specified pressure sensor linearities are based on the end point straight line
method measured at the midrange pressure.
Figure 4 illustrates the differential or gauge configuration in the unibody chip carrier (Case 98ASB42280B). A silicone gel isolates
the die surface and wire bonds from the environment, while allowing the pressure signal to be transmitted to the silicon
diaphragm.
The MPX53 series pressure sensor operating characteristics and internal reliability and qualification tests are based on use of
dry air as the pressure media. Media other than dry air may have adverse effects on sensor performance and long term reliability.
Refer to application note AN3728, for more information regarding media compatibility.
Figure 3. Output vs. pressure differential
100
01
2
3
4
5
6
7
8
10
20
30
40
50
PSI
0
Pressure Differential
90
80
70
60
50
40
30
20
10
0
Span
Range
(Typ)
+125ºC
+25°C
MPX53
VS = 3 Vdc
P1 > P2
–40°C
Offset
(Typ)
kPa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com