Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM12GS Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MPXM12GS
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXM12GS Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MPXM12GS Datasheet HTML 12Page - NXP Semiconductors MPXM12GS Datasheet HTML 13Page - NXP Semiconductors MPXM12GS Datasheet HTML 14Page - NXP Semiconductors MPXM12GS Datasheet HTML 15Page - NXP Semiconductors MPXM12GS Datasheet HTML 16Page - NXP Semiconductors MPXM12GS Datasheet HTML 17Page - NXP Semiconductors MPXM12GS Datasheet HTML 18Page - NXP Semiconductors MPXM12GS Datasheet HTML 19Page - NXP Semiconductors MPXM12GS Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MPX12
Sensors
18
Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
CASE 1320A-02
ISSUE A
MPAK PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com