Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM12GS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPXM12GS
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXM12GS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPXM12GS Datasheet HTML 7Page - NXP Semiconductors MPXM12GS Datasheet HTML 8Page - NXP Semiconductors MPXM12GS Datasheet HTML 9Page - NXP Semiconductors MPXM12GS Datasheet HTML 10Page - NXP Semiconductors MPXM12GS Datasheet HTML 11Page - NXP Semiconductors MPXM12GS Datasheet HTML 12Page - NXP Semiconductors MPXM12GS Datasheet HTML 13Page - NXP Semiconductors MPXM12GS Datasheet HTML 14Page - NXP Semiconductors MPXM12GS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MPX12
Sensors
Freescale Semiconductor
11
Pressure
PACKAGE DIMENSIONS
CASE 1369-01
ISSUE O
SMALL OUTLINE PACKAGE
NOTES:
1.
2.
3.
4.
CONTROLLING DIMENSION: INCH.
INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
DIMENSIONS "D" AND "E1" DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.006 (0.152)
PER SIDE.
DIMENSION "b" DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.008 (0.203) MAXIMUM.
N
A
C
0.004 (0.1)
DETAIL G
SEATING
PLANE
8X
P
T
∅
D
E
e/2
e
A
M
0.004 (0.1)
B
C
E1
A
B
A
0.008 (0.20)
B
C
8X
b
2 PLACES 4 TIPS
1
4
8
5
F
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.300
0.330
7.11
7.62
A1
0.002
0.010
0.05
0.25
b
0.038
0.042
0.96
1.07
D
0.465
0.485
11.81
12.32
E
E1
0.465
0.485
11.81
12.32
e
M
0.270
0.290
6.86
7.36
N
0.080
0.090
2.03
2.28
P
0.009
0.011
0.23
0.28
T
0.115
0.125
2.92
3.17
0.100 BSC
2.54 BSC
F
0.245
0.255
6.22
6.47
K
0.120
0.130
3.05
3.30
L
0.061
0.071
1.55
1.80
0˚
7˚
0˚
7˚
θ
0.717 BSC
18.21 BSC
K
M
GAGE
PLANE
DETAIL G
L
A1
θ
.014 (0.35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com