Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3024LSD-13 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # DMN3024LSD-13
Description  Dual N-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

DMN3024LSD-13 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  DMN3024LSD-13 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual N-Channel 30 V (D-S) MOSFET
FEATURES
•
TrenchFETPower MOSFET
•
100 % Rg Tested
•
100 % UIS Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Notebook System Power
•
Low Current DC/DC
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
30
0.016 at VGS = 10 V
8.5
7.1
0.020 at VGS = 4.5 V
7.6
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8.5
A
TC = 70 °C
7.5
TA = 25 °C
7.2b, c
TA = 70 °C
5.9b, c
Pulsed Drain Current
IDM
30
Source-Drain Current Diode Current
TC = 25 °C
IS
2.8
TA = 25 °C
1.8b, c
Pulsed Source-Drain Current
ISM
30
Single Pulse Avalanche Current
L = 0.1 mH
IAS
10
Single Pulse Avalanche Energy
EAS
5
Maximum Power Dissipation
TC = 25 °C
PD
3.1
W
TC = 70 °C
2.0
TA = 25 °C
2.0b, c
TA = 70 °C
1.25b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
 10 s
RthJA
52
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
30
40
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
DMN3024LSD-13
1


Similar Part No. - DMN3024LSD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3024LSD-13 DIODES-DMN3024LSD-13 Datasheet
693Kb / 8P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN3024LSD-13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
Dual N-Channel 30-V (D-S) MOSFET
13-Oct-03
SI4828DY VISHAY-SI4828DY Datasheet
83Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
15-May-00
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
Dual N-Channel 30-V (D-S) MOSFET
13-Jun-05
SI4804BDY VISHAY-SI4804BDY Datasheet
64Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
29-Dec-03
SI1970DH VISHAY-SI1970DH_08 Datasheet
120Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
27-Nov-06
SI5902BDC VISHAY-SI5902BDC Datasheet
114Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
02-Jul-07
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4922BDY-T1-E3 VISHAY-SI4922BDY-T1-E3 Datasheet
254Kb / 10P
Dual N-Channel 30-V (D-S) MOSFET
27-Apr-09
SI9936BDY-T1-GE3 VISHAY-SI9936BDY-T1-GE3 Datasheet
252Kb / 9P
Dual N-Channel 30-V (D-S) MOSFET
27-Apr-09
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
22-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com