Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3024LSD-13 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # DMN3024LSD-13
Description  Dual N-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

DMN3024LSD-13 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  DMN3024LSD-13 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd DMN3024LSD-13 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
3.0
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 µA
- 5.2
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID= 250 µA
1.2
2.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On -State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 8 A
0.016
VGS = 4.5 V, ID = 5 A
0.020
Forward Transconductanceb
gfs
VDS = 15 V, ID = 8 A
27
S
Dynamica
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, ID = 1 MHz
660
pF
Output Capacitance
Coss
140
Reverse Transfer Capacitance
Crss
86
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 8 A
14.5
22
nC
VDS = 15 V, VGS = 4.5 V, ID = 8 A
7.1
11
Gate-Source Charge
Qgs
1.9
Gate-Drain Charge
Qgd
2.7
Gate Resistance
Rg
f = 1 MHz
0.5
2.6
5.2
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 
ID  5 A, VGEN = 4.5 V, Rg = 1 
14
28
ns
Rise Time
tr
45
80
Turn-Off Delay Time
td(off)
18
35
Fall Time
tf
12
24
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 
ID  5 A, VGEN = 10 V, Rg = 1 
714
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
15
30
Fall Time
tf
714
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
2.8
A
Pulse Diode Forward Currenta
ISM
30
Body Diode Voltage
VSD
IS = 2 A
0.77
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
17
34
ns
Body Diode Reverse Recovery Charge
Qrr
918
nC
Reverse Recovery Fall Time
ta
10
nS
Reverse Recovery Rise Time
tb
7
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
DMN3024LSD-13
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com