Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803906 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0803906
Description  MSTB 2,5/ 2-STF-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803906 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0803906 Datasheet HTML 1Page - PHOENIX CONTACT 0803906 Datasheet HTML 2Page - PHOENIX CONTACT 0803906 Datasheet HTML 3Page - PHOENIX CONTACT 0803906 Datasheet HTML 4Page - PHOENIX CONTACT 0803906 Datasheet HTML 5Page - PHOENIX CONTACT 0803906 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MSTB 2,5/ 2-STF-5,08 Order No.: 1777989
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1777989
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Mar 4, 2010
2 conductors with same cross section, stranded
min.
0.2 mm²
2 conductors with same cross section, stranded
max.
1.5 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, max.
1 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
1.5 mm²
Certificates / Approvals
Certification
CB, CSA, CUL, GL, GOST, RS, UL, VDE-PZI
CSA
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
28-12
CUL
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
30-12
UL
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
30-12
Accessories
Item
Designation
Description
General
1733169
EBP 2- 5
Insertion bridge, fully insulated, for plug connectors with 5.0 or
5.08 mm pitch, no. of positions: 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com