Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803906 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0803906
Description  MSTB 2,5/ 2-STF-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803906 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0803906 Datasheet HTML 1Page - PHOENIX CONTACT 0803906 Datasheet HTML 2Page - PHOENIX CONTACT 0803906 Datasheet HTML 3Page - PHOENIX CONTACT 0803906 Datasheet HTML 4Page - PHOENIX CONTACT 0803906 Datasheet HTML 5Page - PHOENIX CONTACT 0803906 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MSTB 2,5/ 2-STF-5,08 Order No.: 1777989
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1777989
PHOENIX CONTACT Deutschland GmbH
Page 4 / 6
http://www.phoenixcontact.de
Mar 4, 2010
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0804293
SK 5,08/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
0805085
SK 5,08/3,8:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 12 identical marker strips per card, max.
25-position labeling per strip, color: white
0803906
SK U/3,8 WH:UNBEDRUCKT
Unprinted marker cards, DIN A4 format, pitch as desired, self-
adhesive, with 40 stamped marker strips, 185 mm strip length, can
be labeled with the CMS system or manually with the M-PEN
0811228
X-PEN 0,35
Marker pen without ink cartridge, for manual labeling of markers,
labeling extremely wipe-proof, line thickness 0.35 mm
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Tools
1205053
SZS 0,6X3,5
Screwdriver, bladed, matches all screw terminal blocks up to 4.0
mm² connection cross section, blade: 0.6 x 3.5 mm, without VDE
approval
Additional products
Item
Designation
Description
General
1762062
MDSTB 2,5/ 2-G-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 2, Color: green, Assembly: Soldering
1788952
MSTBVK 2,5/ 2-GF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Screw
connection, Assembly: DIN rail, Color: green
1788347
MVSTBU 2,5/ 2-GFB-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Screw
connection, Assembly: Direct mounting, Color: green
3002034
UK 3-MSTB-5,08
Feed-through modular terminal block, Type of connection: Special
and hybrid connection, Screw connection, Cross section: 0.2
mm² - 4 mm², AWG 24 - 12, Width: 5.08 mm, Color: gray,
Mounting type: NS 32, NS 35/15, NS 35/7,5
3002076
UK 3-MVSTB-5,08
Feed-through modular terminal block, Nominal current: 12
A, Nominal voltage: 250 V, Cross section: 0.2 mm² - 4 mm²,
AWG: 24 - 12, Mounting type: NS 32, NS 35/15, NS 35/7,5,
Pitch: 5.08 mm, Width: 5.1, Color: gray



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com