Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLS Datasheet(PDF) 1 Page - Littelfuse

Part # NLS
Description  NLN/NLS Class K5 Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NLS Datasheet(HTML) 1 Page - Littelfuse

  NLS Datasheet HTML 1Page - Littelfuse NLS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
34
* NLKP series available only in those amperages preceded
by an asterisk.
Example part number (series & amperage): NLS 125
RECOMMENDED FUSE BLOCKS
LH250 series (for NLN and NLKP series fuses)
LH600 series (for NLS series fuses)
Refer to Fuse Block section of this catalog for additional
information.
NLN/NLS Class K5 Fuses
250/600 VAC I “ONE-TIME” I 1 – 600 Amperes
NLN and NLS series fuses provide low cost protection for
general purpose feeder and branch circuits when available
short circuit currents are less than 50,000 amperes. They
replace all Class H fuses which have only a 10,000 ampere
interrupting rating. They are suitable for use in many resi-
dential and smaller commercial and industrial applications.
NLKP series fuses are Canadian “Code” fuses specifically
designed to meet Canadian Electrical Code Type P fuse
requirements for residential use. They have a 10,000
ampere interrupting rating.
However, to obtain the added benefits of time-delay, current-
limitation, and higher interrupting rating, consider the use of
POWR-PRO® IDSR IndicatorTM fuses for circuits between
250 and 600 volts. The user gets all the benefits of time-delay
RK5 fuses plus the added benefits of an indicating fuse that
tells when it has opened. Complete information on these
fuses may be found in the POWR-PRO® section of this
catalog. For circuits up to 250 volts, see FLNR fuses in this
section of the catalog.
APPLICATIONS
General purpose residential and commercial circuits with
little or no motor load.
Resistive heating loads.
ECONOMICAL
I
For use in applications where lowest initial cost is the
major consideration.
SAFETY
I
50,000 A.I.R., Class K5 — Adequate interrupting capacity
for residences and many smaller facilities.
SPECIFICATIONS
Voltage Ratings: AC: 250 Volts (NLN, NLKP)
600 Volts (NLS)
DC: 250 Volts (NLN)
400 Volts (NLS 35 – 60A)
500 Volts (NLS 8 – 15A)
(NLS 225 – 600A)
600 Volts (NLS 1 – 7A)
(NLS 20 – 30A)
(NLS 70 – 200A)
Interrupting Ratings:
AC: 50,000 amperes rms symmetrical (NLN/NLS)
10,000 amperes (NLKP)
DC: 20,000 amperes (NLN/NLS 1 – 60A)
50,000 amperes (NLN/NLS 70 – 600A)
Ampere Range: 1– 600 amperes (NLN/NLS)
15 – 60 amperes (NLKP)
Approvals: NLN/NLS: Standard 248-9, Class K5
UL Listed (File No: E81895)
CSA Certified (File No: LR29862)**
**Excludes NLN 15-60A
NLKP: Standard 248-6, Class H
UL Listed (File No: E81895)
CSA Certified (File No: LR29865)
Meets CSA “Type P” requirements
AMPERE RATINGS
NOTE: NLKP series fuses have limited interrupting rating and
should be used only where available short circuit current is
known to be less than the fuse interrupting rating. Where
available fault current is unknown, where it exceeds NLN/NLS
interrupting rating, or where it may increase in the future,
200,000 ampere interrupting rating Littelfuse POWR-PROTM
FLNR_ID/FLSR_ID IndicatorTM fuses and FLNR/FLSR series
fuses provide superior protection for all motor and general
purpose circuits containing inductive loads.
1
7
* 25
* 60
125
300
2
8
* 30
70
150
350
3
10
* 35
80
175
400
4
12
* 40
90
200
450
5
* 15
* 45
100
225
500
6
* 20
* 50
110
250
600


Similar Part No. - NLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NLS020 LITTELFUSE-NLS020 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
logo
Artesyn Technologies
NLS110-9602 ARTESYN-NLS110-9602 Datasheet
60Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Glenair, Inc.
NLS3H GLENAIR-NLS3H Datasheet
58Kb / 1P
Military Standard Connector Index
More results

Similar Description - NLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
SLC LITTELFUSE-SLC Datasheet
457Kb / 2P
SLC Class G Fuses
logo
Cooper Bussmann, Inc.
NOS-110 COOPER-NOS-110 Datasheet
279Kb / 4P
NON/NOS, 600/250Vac Class K5 H
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
NLN LITTELFUSE-NLN_12 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
SLC LITTELFUSE-SLC_17 Datasheet
277Kb / 1P
SLC CLASS G FUSES
logo
Eaton All Rights Reserv...
NOS EATON-NOS Datasheet
989Kb / 4P
250 V NON/600 V NOS Class K5 and H fuses
logo
Littelfuse
NLN LITTELFUSE-NLN_V01 Datasheet
206Kb / 2P
CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
SLC LITTELFUSE-SLC_V01 Datasheet
479Kb / 1P
SLC CLASS G FUSES
Rev: 2-B-042219
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com