Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908761 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1908761
Description  MCVW 1,5/ 2-ST-3,81
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908761 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1908761 Datasheet HTML 1Page - PHOENIX CONTACT 1908761 Datasheet HTML 2Page - PHOENIX CONTACT 1908761 Datasheet HTML 3Page - PHOENIX CONTACT 1908761 Datasheet HTML 4Page - PHOENIX CONTACT 1908761 Datasheet HTML 5Page - PHOENIX CONTACT 1908761 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCVW 1,5/ 2-ST-3,81 Order No.: 1826979
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1826979
PHOENIX CONTACT Inc., USA
Page 3 / 6
http://www.phoenixcon.com
Mar 11, 2010
2 conductors with same cross section, stranded
min.
0.08 mm²
2 conductors with same cross section, stranded
max.
0.75 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, max.
0.34 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
0.5 mm²
Certificates / Approvals
Certification
CB, CSA, CUL, GOST, UL, VDE-PZI
CSA
Nominal voltage UN
300 V
Nominal current IN
8 A
AWG/kcmil
28-16
CUL
Nominal voltage UN
300 V
Nominal current IN
8 A
AWG/kcmil
30-14
UL
Nominal voltage UN
300 V
Nominal current IN
8 A
AWG/kcmil
30-14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com