Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908761 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1908761
Description  MCVW 1,5/ 2-ST-3,81
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908761 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1908761 Datasheet HTML 1Page - PHOENIX CONTACT 1908761 Datasheet HTML 2Page - PHOENIX CONTACT 1908761 Datasheet HTML 3Page - PHOENIX CONTACT 1908761 Datasheet HTML 4Page - PHOENIX CONTACT 1908761 Datasheet HTML 5Page - PHOENIX CONTACT 1908761 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 11, 2010
Extract from the online
catalog
 
MCVW 1,5/ 2-ST-3,81
Order No.: 1826979
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1826979
 
 
Plug component, Nominal current: 8 A, Nom. voltage: 160 V, Pitch:
3.81 mm, Number of positions: 2, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918050047
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.002008 KG
Catalog page information
Page 145 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Height
12.5 mm
Pitch
3.81 mm
Dimension a
3.81 mm
Number of positions
2


Similar Part No. - 1908761

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1908761 PHOENIX-1908761 Datasheet
143Kb / 6P
MC 1,5/ 2-ST-3,81
1908761 PHOENIX-1908761 Datasheet
135Kb / 5P
MCVR 1,5/ 2-ST-3,81
More results

Similar Description - 1908761

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1826982 PHOENIX-1826982 Datasheet
151Kb / 6P
MCVW 1,5/ 3-ST-3,81
1826995 PHOENIX-1826995 Datasheet
151Kb / 6P
MCVW 1,5/ 4-ST-3,81
1827017 PHOENIX-1827017 Datasheet
151Kb / 6P
MCVW 1,5/ 6-ST-3,81
1827020 PHOENIX-1827020 Datasheet
152Kb / 6P
MCVW 1,5/ 7-ST-3,81
1827033 PHOENIX-1827033 Datasheet
151Kb / 6P
MCVW 1,5/ 8-ST-3,81
1827046 PHOENIX-1827046 Datasheet
152Kb / 6P
MCVW 1,5/ 9-ST-3,81
1827075 PHOENIX-1827075 Datasheet
151Kb / 6P
MCVW 1,5/12-ST-3,81
1827091 PHOENIX-1827091 Datasheet
151Kb / 6P
MCVW 1,5/14-ST-3,81
1827114 PHOENIX-1827114 Datasheet
151Kb / 6P
MCVW 1,5/16-ST-3,81
1800239 PHOENIX-1800239 Datasheet
70Kb / 3P
MCVW 1,5/ 2-ST-3,81 BK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com