Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5071 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5071
Description  Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5071 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM5071 Datasheet HTML 8Page - National Semiconductor (TI) LM5071 Datasheet HTML 9Page - National Semiconductor (TI) LM5071 Datasheet HTML 10Page - National Semiconductor (TI) LM5071 Datasheet HTML 11Page - National Semiconductor (TI) LM5071 Datasheet HTML 12Page - National Semiconductor (TI) LM5071 Datasheet HTML 13Page - National Semiconductor (TI) LM5071 Datasheet HTML 14Page - National Semiconductor (TI) LM5071 Datasheet HTML 15Page - National Semiconductor (TI) LM5071 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Power Supply Operation
Once the UVLO threshold has been satisfied, the interface
controller of the LM5071 will charge up the SMPS input
capacitor through the internal power MOSFET. This load
capacitance provides input filtering for the power converter
section and must be at least 5uF per the IEEE 802.3af
specification. To accomplish the charging in a controlled
manner, the power MOSFET is current limited to 100mA.
The SMPS controller will not initiate operation until the load
capacitor is completely charged. The power sequencing be-
tween the interface circuitry and the SMPS controller occurs
automatically within the LM5071. Detection circuitry monitors
the RTN pin to detect interface startup completion. When the
RTN pin potential drops below 1.5V with respect to V
EE, the
V
CC regulator of the SMPS controller is enabled. The soft-
start function is enabled once the V
CC regulator achieves
minimum operating voltage. The inrush current limit only
applies to the initial charging phase. The interface power
MOSFET current limit will revert to the default protection
current limit of 390mA once the SMPS is powered up and the
soft-start pin sequence begins.
High Voltage Start-up Regulator
The LM5071 contains an internal high voltage startup regu-
lator that allows the input pin (V
IN) to be connected directly to
line voltages as high as 60V. The regulator output is inter-
nally current limited to 15mA. The recommended capaci-
tance range for the V
CC regulator output is 0.1uF to 10uF.
When the voltage on the V
CC pin reaches the regulation
point of 7.8V, the controller output is enabled. The controller
will remain enabled until V
CC falls below 6.25V.
In typical applications, a transformer auxiliary winding is
diode connected to the V
CC pin. This winding should raise
the V
CC voltage above 8.1V to shut off the internal startup
regulator. Though not required, powering V
CC from an aux-
iliary winding improves conversion efficiency while reducing
the power dissipated in the controller. The external V
CC
capacitor must be selected such that the capacitor maintains
the V
CC voltage greater than the VCC UVLO falling threshold
(6.25V) during the initial start-up. During a fault condition
when the converter auxiliary winding is inactive, external
current draw on the V
CC line should be limited such that the
power dissipated in the start-up regulator does not exceed
the maximum power dissipation capability of the LM5071
package.
If the V
CC auxiliary winding is used with a low voltage aux-
iliary supply (wall transformer), the VCC pin could back feed
through the LM5071 to the VIN pin. A diode from VCC to VIN
should be used to clamp the VCC pin and prevent this
internal back feed. The winding voltage will remain the same
and extra power will be dissipated in the series resistor. Also,
note that when using a very low voltage auxiliary supply, a
diode from the AUX supply to the VCC pin should be used to
ensure VCC startup.
20168423
FIGURE 5. Simplified Schematic Showing Low Voltage Auxiliary Supply
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com