Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5071 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5071
Description  Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5071 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM5071 Datasheet HTML 9Page - National Semiconductor (TI) LM5071 Datasheet HTML 10Page - National Semiconductor (TI) LM5071 Datasheet HTML 11Page - National Semiconductor (TI) LM5071 Datasheet HTML 12Page - National Semiconductor (TI) LM5071 Datasheet HTML 13Page - National Semiconductor (TI) LM5071 Datasheet HTML 14Page - National Semiconductor (TI) LM5071 Datasheet HTML 15Page - National Semiconductor (TI) LM5071 Datasheet HTML 16Page - National Semiconductor (TI) LM5071 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Error Amplifier
An internal high gain error amplifier is provided within the
LM5071. The amplifier’s non-inverting reference is set to a
fixed reference voltage of 1.25V. The inverting input is con-
nected to the FB pin. In non-isolated applications, the power
converter output is connected to the FB pin via voltage
scaling resistors. Loop compensation components are con-
nected between the COMP and FB pins. For most isolated
applications the error amplifier function is implemented on
the secondary side of the converter and the internal error
amplifier is not used. The internal error amplifier is config-
ured as an open drain output and can be disabled by con-
necting the FB pin to ARTN. An internal 5K pull-up resistor
between a 5V reference and COMP can be used as the
pull-up for an optocoupler in isolated applications.
Current Limit / Current Sense
The LM5071 provides a cycle-by-cycle over current protec-
tion function. Current limit is accomplished by an internal
current sense comparator. If the voltage at the current sense
comparator input CS exceeds 0.5V with respect to RTN/
ARTN, the output pulse will be immediately terminated. A
small RC filter, located near the CS pin of the controller, is
recommended to filter noise from the current sense signal.
The CS input has an internal MOSFET which discharges the
CS pin capacitance at the conclusion of every cycle. The
discharge device remains on an additional 50ns after the
beginning of the new cycle to attenuate the leading edge
spike on the current sense signal.
The LM5071 current sense and PWM comparators are very
fast, and may respond to short duration noise pulses. Layout
considerations are critical for the current sense filter and
sense resistor. The capacitor associated with the CS filter
must be located very close to the device and connected
directly to the pins of the controller (CS and ARTN). If a
current sense transformer is used, both leads of the trans-
former secondary should be routed to the sense resistor and
the current sense filter network. A sense resistor located in
the source of the primary power MOSFET may be used for
current sensing, but a low inductance resistor is required.
When designing with a current sense resistor, all of the noise
sensitive low power ground connections should be con-
nected together local to the controller and a single connec-
tion should be made to the high current power return (sense
resistor ground point).
Oscillator, Shutdown and Sync
Capability
A single external resistor connected between the RT and
ARTN pins sets the LM5071 oscillator frequency. Internal to
the LM5071–50 device (50% duty cycle limited option) is an
oscillator divide by two circuit. This divide by two circuit
creates an exact 50% duty cycle clock which is used inter-
nally to create a precise 50% duty cycle limit function. Be-
cause of this divide by two, the internal oscillator actually
operates at twice the frequency of the output (OUT). For the
LM5071–80 device the oscillator frequency and the opera-
tional output frequency are the same. To set a desired output
operational frequency (F), the RT resistor can be calculated
from:
LM5071-80:
LM5071-50:
The LM5071 can also be synchronized to an external clock.
The external clock must have a higher frequency than the
free running oscillator frequency set by the RT resistor. The
clock signal should be capacitively coupled into the RT pin
with a 100pF capacitor. A peak voltage level greater than 3.7
volts at the RT pin is required for detection of the sync pulse.
The sync pulse width should be set between 15 to 150ns by
the external components. The RT resistor is always required,
whether the oscillator is free running or externally synchro-
nized. The voltage at the RT pin is internally regulated to a 2
volts. The RT resistor should be located very close to the
device and connected directly to the pins of the controller
(RT and ARTN).
PWM Comparator / Slope
Compensation
The PWM comparator compares the current ramp signal
with the loop error voltage derived from the error amplifier
output. The error amplifier output voltage at the COMP pin is
offset by 1.4V and then further attenuated by a 3:1 resistor
divider. The PWM comparator polarity is such that 0 Volts on
the COMP pin will result in zero duty cycle at the controller
output. For duty cycles greater than 50 percent, current
mode control circuits are subject to sub-harmonic oscillation.
By adding an additional fixed slope voltage ramp signal
(slope compensation) to the current sense signal, this oscil-
lation can be avoided. The LM5071-80 integrates this slope
compensation by summing a current ramp generated by the
oscillator with the current sense signal. Additional slope
compensation may be added by increasing the source im-
pedance of the current sense signal (with an external resis-
tor between the CS pin and current sense resistor). Since
the LM5071-50 is not capable of duty cycles greater than
50%, there is no slope compensation feature in this device.
Softstart
The softstart feature allows the power converter to gradually
reach the initial steady state operating point, thereby reduc-
ing start-up stresses, output overshoot and current surges.
At power on, after the V
CC undervoltage lockout threshold is
satisfied, an internal 10µA current source charges an exter-
nal capacitor connected to the SS pin. The capacitor voltage
will ramp up slowly and will limit the COMP pin voltage and
the duty cycle of the output pulses.
Gate Driver and Maximum Duty
Cycle Limit
The LM5071 provides an internal gate driver (OUT), which
can source and sink a peak current of 800mA. The LM5071
is available in two duty cycle limit options. The maximum
output duty cycle is typically 80% for the LM5071-80 option
and precisely equal to 50% for the LM5071-50 option. The
maximum duty cycle function for the LM5071-50 is accom-
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com