Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2002 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSC2002
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2002 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSC2002 Datasheet HTML 1Page - Continental Device India Limited CSC2002 Datasheet HTML 2Page - Continental Device India Limited CSC2002 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CSC2002
TO-92
Plastic Package
TO-92 Plastic Package
TO-92 Transistors on Tape and Ammo Pack
TO-92 Bulk
TO-92 T&A
1K/polybag
2K/ammo box
200 gm/1K pcs
645 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5K
2K
17" x 15" x 13.5"
17" x 15" x 13.5"
80K
32K
23 kgs
12.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
B
D
A A
SEC AA
G
D
3
2 1
1
2
3
F
F
3 2 1
All diminsions in mm.
DIM
MIN.
MAX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F
5 DEG
G
1.14
1.40
H
1.14
1.53
2.082
K
L
12.70
1.982
—
MECHANICAL DATA
T
A
A1
P
(p)
C1
C2
W2
Do
F2
F
P2
Po
F1
W1
Wo
W
H1
H2
H3
L
t1
t
Ho
h1
h1
h
h
ITEM
SYMBOL
SPECIFICATION
PULL - OUT FORCE
(P)
6N
MIN. NOM.
BODY WIDTH
A1
4.0
4.8
BODY HEIGHT
A
4.8
5.2
BODY THICKNESS
T
3.9
4.2
AT TOP OF BODY
COMPONENT ALIGNMENT SIDE VIEW
h
0
1.0
AT TOP OF BODY
COMPONENT ALIGNMENT FRONT VIEW
h1
0
1.3
COMPONENT HEIGHT
H1
23.25
LENGTH OF SNIPPED LEADS
L
11.0
t1 0.3 - 0.6
TOTAL TAPE THICKNESS
t
1.2
CLINCH HEIGHT
H3
3.0
LEAD PARALLELISM
| C1 - C2 |
0.22
MAX.
PITCH OF COMPONENT
P
12.7
%%P1
CUMULATIVE PITCH ERROR 1.0 mm/20 PITCH
FEED HOLE PITCH
Po
12.7
%%P0.3
FEED HOLE CENTRE TO
TO BE MEASURED AT BOTTOM OF CLINCH
COMPONENT CENTRE
P2
6.35
%%P0.4
DISTANCE BETWEEN OUTER
+0.6
LEADS
F
5.08
-0.2
TAPE WIDTH
W
18
%%P0.5
HOLD-DOWN TAPE WIDTH
Wo
6
%%P0.2
HOLE POSITION
W1
9
+0.7
-0.5
HOLD-DOWN TAPE POSITION
W2
0.5
%%P0.2
LEAD WIRE CLINCH HEIGHT
Ho
16
%%P0.5
FEED HOLE DIAMETER
Do
4
%%P0.2
LEAD - TO - LEAD DISTANCE
F1, F2
2.54
+0.4, -0.1
STAND OFF
H2
0.45
1.45
TOL .
REMARKS
NOTES
1. MAXIMUM ALIGNMENT DEVIATION BETWEEN LEADS NOT TO BE GREATER THAN 0.2 mm.
2. MAXIMUM NON-CUMULATIVE VARIATION BETWEEN TAPE FEED HOLES SHALL NOT EXCEED 1 mm IN 20 PITCHES.
3. HOLDDOWN TAPE NOT TO EXCEED BEYOND THE EDGE(S) OF CARRIER TAPE AND THERE SHALL BE NO EXPOSURE OF ADHESIVE.
4. NO MORE THAN 3 CONSECUTIVE MISSING COMPONENTS IS PERMITTED.
5. A TAPE TRAILER, HAVING AT LEAST THREE FEED HOLES IS REQUIRED AFTER THE LAST COMPONENT.
6. SPLICES SHALL NOT INTERFERE WITH THE SPROCKET FEED HOLES.
Ammo Pack Style
Adhesive Tape on Top Side
FLAT SIDE
Flat Side of Transistor and
Adhesive Tape Visible
2000 pcs./Ammo Pack
LABEL
Carrier
Strip
183
331
FEE
D
42
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com