Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2002 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2002
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2002 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2002 Datasheet HTML 1Page - Continental Device India Limited CSC2002 Datasheet HTML 2Page - Continental Device India Limited CSC2002 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2002
TO-92
Plastic Package
Designed for use in Driver Stage of High Voltage Audio Equipments.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
Collector Emitter Voltage
VCEO
Collector Base Voltage
VCBO
Emitter Base Voltage
VEBO
Collector Current
IC
Base Current
IB
Collector Power Dissipation
PC
Storage Temperature
Tstg
- 55 to +150
Junction Temperature
Tj
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB=60V, IE = 0
100
nA
Emitter Cut Off Current
IEBO
VEB=5V, IC = 0
100
nA
DC Current Gain
hFE
(1) *
VCE=1V, IC=50mA
90
400
VCE=2V, IC=300mA
30
Collector Emitter Saturation Voltage
VCE (sat) *
IC=300mA, IB=30mA
0.6
V
Base Emitter Saturation Voltage
VBE (sat) *
IC=300mA, IB=30mA
1.2
V
Base Emitter Voltage
VBE *
VCE=6V, IC=10mA
0.6
0.7
V
Transition Frequency
fT
VCE=6V, IC= -10mA,
50
MHz
Collector to Base Capacitance
Cob
IE=0, VCB=6V, f=1MHz
15
pF
* Pulsed PW <350
µµs, Duty Cycle <2%
hFE
(1) Classification
M : 90 - 180,
mA
mA
mW
ºC
UNITS
V
V
V
VALUE
60
60
5
300
60
600
ºC
+150
L : 135 - 270,
K : 200 - 400
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSC2002

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2001 CDIL-CSC2001 Datasheet
59Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
More results

Similar Description - CSC2002

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com