Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014D Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE5014D
Description  Giant Magneto Resistance (GMR)-based principle
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014D Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE5014D Datasheet HTML 1Page - Infineon Technologies AG TLE5014D Datasheet HTML 2Page - Infineon Technologies AG TLE5014D Datasheet HTML 3Page - Infineon Technologies AG TLE5014D Datasheet HTML 4Page - Infineon Technologies AG TLE5014D Datasheet HTML 5Page - Infineon Technologies AG TLE5014D Datasheet HTML 6Page - Infineon Technologies AG TLE5014D Datasheet HTML 7Page - Infineon Technologies AG TLE5014D Datasheet HTML 8Page - Infineon Technologies AG TLE5014D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Final Datasheet
4
Rev. 1.0
2018-04-04
TLE5014D
Dual Sensor Angle Output
2
Dual Sensor Angle Output
The bottom sensor element of the Product_Short is flipped relative to the orientation of the top sensor
element Therefore the rotation direction sensed by the bottom element is opposite to the top element. This
is advantageous for safety critical applications, as the two sensor elements do generally not output the same
angle. Figure 2-1 shows the output of the two sensor ICs for a given external magnetic field orientation.
Figure 2-1 Dual die angle output
For applications where an identical angle output of both ICs is desired, the rotation direction and angle offset
of one sensor IC can be reconfigured by changing the settings in the ANG_BASE register of the EEPROM.
9
IFC-2
O
address coding for programming in bus mode,
channel 2 (see TLE5014 datasheet)
connect to IF3
10
IFB-2
I/O
SENT / SPC / PWM / SICI interface for channel 2
11
IFA-2
-
connect to GND
12
GND-2
-
supply voltage, ground for channel 2
13
VDD-2
-
supply voltage, positive for channel 2
14
IF3-2
I
connect to IFC
15
IF2-2
I
address coding for programming in bus mode,
channel 2 (see TLE5014 datasheet)
connect to GND for SENT / PWM interface
16
IF1-2
I
address coding for programming in bus mode,
channel 2 (see TLE5014 datasheet)
connect to GND for SENT / PWM interface
Table 1-1
Pin Description (cont’d)
Pin No.
Symbol
In/Out
Function
0°
90°
180°270°360°
90°
180°
270°
360°
top sensor output
bottom sensor output
external magnetic field angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com