Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014D Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE5014D
Description  Giant Magneto Resistance (GMR)-based principle
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014D Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE5014D Datasheet HTML 1Page - Infineon Technologies AG TLE5014D Datasheet HTML 2Page - Infineon Technologies AG TLE5014D Datasheet HTML 3Page - Infineon Technologies AG TLE5014D Datasheet HTML 4Page - Infineon Technologies AG TLE5014D Datasheet HTML 5Page - Infineon Technologies AG TLE5014D Datasheet HTML 6Page - Infineon Technologies AG TLE5014D Datasheet HTML 7Page - Infineon Technologies AG TLE5014D Datasheet HTML 8Page - Infineon Technologies AG TLE5014D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Final Datasheet
1
Rev. 1.0
www.infineon.com
2018-04-04
TLE5014D
Preface
This document is an addendum to the TLE5014 datasheet and describes the
TLE5014D dual die angle sensor. For all parameters which are not specified
here, the TLE5014 datasheet is valid.
Features
• Giant Magneto Resistance (GMR)-based principle
• Two identical dies in one package (providing channel 1 and channel 2 output)
• Fully redundant 2-channel solution for highest functional safety requirements
• High voltage and reverse polarity capability
• EEPROM for storage of configuration (e.g. zero angle) and customer specific ID
• 12 bit representation of absolute angle value on the output
• Max. 1° angle error over lifetime and temperature range
• Developed according to ISO26262 with process complying to ASIL-D
• Internal safety mechanisms with diagnostic coverage >97% for each channel
• Interfaces: PWM, SPC, SENT (based on SAE J2716-2010)
• 32 point look-up table to correct for systematic angle errors (e.g. magnetic circuit)
• 112 bit customer ID (programmable)
• Automotive qualified Q100, Grade 1: -40°C to 125°C (ambient temperature)
Functional Safety
• Safety Manual and Safety Analysis Summary Report available on request
Applications
The TLE5014 GMR-based angle sensor is designed for angular position sensing in automotive applications.
Fully redundancy of two chips in one package supporting highest functional safety requirements.
Description
Table 0-1
Derivative Ordering codes (see Chapter 4 for description of derivatives)
Product Type
Marking
Ordering Code
Package
Comment
TLE5014S16D
014SD
SP001410046
PG-TDSO-16
SENT Interface
TLE5014C16D
014CD
SP001410042
PG-TDSO-16
SPC Interface
TLE5014P16D
014PD
SP001673472
PG-TDSO-16
PWM Interface


Similar Part No. - TLE5014D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5014 INFINEON-TLE5014 Datasheet
1Mb / 45P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014C16 INFINEON-TLE5014C16 Datasheet
1Mb / 45P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014P16 INFINEON-TLE5014P16 Datasheet
1Mb / 45P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014S16 INFINEON-TLE5014S16 Datasheet
1Mb / 45P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014SP16E0001 INFINEON-TLE5014SP16E0001 Datasheet
892Kb / 29P
GMR-based Angle Sensor
Rev. 1.1 2019-04-04
More results

Similar Description - TLE5014D

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
DM-111A SONY-DM-111A Datasheet
140Kb / 7P
Magneto-Resistance Element
logo
Infineon Technologies A...
GMRB6 INFINEON-GMRB6 Datasheet
40Kb / 4P
Giant Magneto Resistive Position Sensor
2000-07-01
logo
List of Unclassifed Man...
GMRC6 ETC-GMRC6 Datasheet
146Kb / 3P
GIANT MAGNETO RESISTIVE POSITION POSITION SENSOR
logo
Infineon Technologies A...
GMRS6 INFINEON-GMRS6 Datasheet
29Kb / 3P
Giant Magneto Resistive Position Sensor
1999-04-01
GMRS4 INFINEON-GMRS4 Datasheet
33Kb / 3P
Giant Magneto Resistive Position Sensor
1999-04-01
TLI5012BE1000 INFINEON-TLI5012BE1000_15 Datasheet
2Mb / 37P
GMR-Based Angle Sensor
Rev. 1.1, 2015-09
TLE5009-E2000 INFINEON-TLE5009-E2000 Datasheet
1Mb / 32P
GMR-Based Angular Sensor
Rev. 1.1, 2012-04
TLE5012B INFINEON-TLE5012B Datasheet
2Mb / 50P
Giant Magneto Resistance (GMR)-based principle
Rev. 2.0, 2014-02
TLE5014 INFINEON-TLE5014 Datasheet
1Mb / 45P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014SP16E0001 INFINEON-TLE5014SP16E0001 Datasheet
892Kb / 29P
GMR-based Angle Sensor
Rev. 1.1 2019-04-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com