Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014C16 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE5014C16
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014C16 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE5014C16 Datasheet HTML 35Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 36Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 37Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 38Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 39Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 40Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 41Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 42Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Final Datasheet
39
Rev. 1.0
2018-04-04
TLE5014
Package Information
7
Package Information
The device is qualified with a MSL level of 3. It is halogen free, lead free and RoHS compliant.
7.1
Package Parameters
z
Tilt angle
Reference plane
y
x
Rotational
displacement
Package
Chip
x
Die pad
Chip
Figure 7-1 Tolerance of the die in the package
The active area of the GMR sensing element is 360µm x 470µm.
It has to be ensured that a magnet is used which has sufficient size to provide a homogeneous magnetic field
over the total sensing element area. For a practical application design this means that the magnet has to be
Table 7-1
Package Parameters
Parameter
Symbol Limit Values
Unit
Notes
Min. Typ. Max.
Thermal resistance
RthJA
150
K/W
Junction to air1)
1) according to Jedec JESD51-7
RthJC
45
K/W
Junction to case
RthJL
70
K/W
Junction to lead
Moisture Sensitively Level MSL 3
260°C2)
2) suitable for reflow soldering with soldering profiles according to JEDEC J-STD-020E (December 2014)
Lead Frame
Cu
Plating
Sn 100%
> 7 μm
Table 7-2
Position of the die in the package
Parameter
Symbol Limit Values
Unit
Notes
Min. Typ. Max.
Tilt
3
°
in respect to the z-axis and
reference plane (see
Figure 7-1),
Rotational displacement
3
°
in respect to the reference
axis (see Figure 7-1)
Placement tolerance in
package
100
µm
in x and y direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com