Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5014C16 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE5014C16
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014C16 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE5014C16 Datasheet HTML 17Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 18Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 19Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 20Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 21Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 22Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 23Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 24Page - Infineon Technologies AG TLE5014C16 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Final Datasheet
21
Rev. 1.0
2018-04-04
TLE5014
Specification
3.4
EEPROM Memory
The sensor includes a non-volatile memory (NVM) where calibration data and sensor configuration data are
stored. The customer has access to a part of this memory for storage of application specific data (e.g. look-up
table & customer ID)
The time for programming the customer relevant part of the NVM as well as maximum cycles of programming
and data retention is given in Table 3-13
3.5
Reset Concept and Fault Monitoring
Some internal and external faults of the device can trigger a reset. During this reset, all output pins are high-
ohmic to avoid any disturbance of other sensors which may be connected together in a bus mode. A reset is
indicated as soon as the sensor is back at operational mode either by a status bit (SPC and SENT protocol) or
with a duty cycle in the diagnostic range (PWM interface). In the case of a periodic reset (sensor toggles
between on and off state) it is avoided that the output toggles with a frequency close to a valid PWM
frequency. In this way it is ensured, that a reset can clearly be distinguished from a valid output signal.
3.6
External & Internal Faults
In case of an occurrence of external or internal faults, as for example overvoltage or undervoltage, the sensor
reacts in a way that these faults are indicated to the customer. This can be either by a status bit (SPC and SENT
protocol) or with a duty cycle in the diagnostic range (PWM interface).
The error signaling (safe state) is defined as:
• indication of an error (e.g. status bit)
• detectable wrong output (e.g. CRC failure)
• no output
All errors are indicated as long as they persist, but at least once. After disappearance of the error, the error
indication is also cleared. The error is signaled and communicated to the ECU latest after 5ms from occurrence
of the fault. To achieve this, it has to be ensured that the protocol transmission time is not exceeding 1ms.
Otherwise, the fault tolerant time interval is increased above 5ms.
5) Hysteresis is the maximum difference of the angle value for forward and backward rotation
6) For the magnetic field range of 25mT < B < 33mT, 0.1° have to be added to the max. hysteresis AHyst
Table 3-13 EEPROM
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Number of possible NVM
programming cycles
nProg
100
-
NVM data retention
tretention
-
21
a
includes 19a
lifetime and 2a
storage
Time for programming of
whole NVM (customer
relevant part)
tProg
0.5
s
incl. look-up
table,
configuration,
customer ID;
with 100kbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com