Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C286/883 Datasheet(PDF) 6 Page - Intersil Corporation

Part # 80C286/883
Description  High Performance Microprocessor with Memory Management and Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C286/883 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button 80C286/883 Datasheet HTML 2Page - Intersil Corporation 80C286/883 Datasheet HTML 3Page - Intersil Corporation 80C286/883 Datasheet HTML 4Page - Intersil Corporation 80C286/883 Datasheet HTML 5Page - Intersil Corporation 80C286/883 Datasheet HTML 6Page - Intersil Corporation 80C286/883 Datasheet HTML 7Page - Intersil Corporation 80C286/883 Datasheet HTML 8Page - Intersil Corporation 80C286/883 Datasheet HTML 9Page - Intersil Corporation 80C286/883 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
133
80C286/883
AC Electrical Specifications
82C284 and 82C288 Timing Specifications Are Given For Reference Only, And No Guarantee is
Implied.
82C284 Timing
SYMBOL
PARAMETER
10MHz
12.5MHz
UNIT
TEST CONDITION
MIN
MAX
MIN
MAX
TIMING REQUIREMENTS
11
SRDY/SRDYEN Setup Time
15
-
15
-
ns
12
SRDY/SRDYEN Hold Time
2
-
2
-
ns
13
ARDY/ARDYEN Setup Time
5
-
5
-
ns
(Note 1)
14
ARDY/ARDYEN Hold Time
30
-
25
-
ns
(Note 1)
TIMING RESPONSES
19
PCLK Delay
0
20
0
16
ns
CL = 75pF, IOL = 5mA,
IOH = -1mA
NOTE:
1. These times are given for testing purposes to ensure a predetermined action.
82C288 Timing
SYMBOL
PARAMETER
10MHz
12.5MHz
UNIT
TEST CONDITION
MIN
MAX
MIN
MAX
TIMING REQUIREMENTS
12
CMDLY Setup Time
15
-
15
-
ns
13
CMDLY Hold Time
1
-
1
-
ns
TIMING RESPONSES
16
ALE Active Delay
1
16
1
16
ns
17
ALE Inactive Delay
-
19
-
19
ns
19
DT/R Read Active Delay
-
23
-
23
ns
CL = 150pF
20
DEN Read Active Delay
0
21
0
21
ns
IOL = 16mA Max
21
DEN Read Inactive Delay
3
23
3
21
ns
IOH = -1mA Max
22
DT/R Read Inactive Delay
5
24
5
18
ns
23
DEN Write Active Delay
-
23
-
23
ns
24
DEN Write Inactive Delay
3
23
3
23
ns
29
Command Active Delay from CLK
3
21
3
21
ns
CL = 300pF
30
Command Inactive Delay from CLK
3
20
3
20
ns
IOL = 32mA Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com