Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C286/883 Datasheet(PDF) 9 Page - Intersil Corporation

Part # 80C286/883
Description  High Performance Microprocessor with Memory Management and Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C286/883 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button 80C286/883 Datasheet HTML 5Page - Intersil Corporation 80C286/883 Datasheet HTML 6Page - Intersil Corporation 80C286/883 Datasheet HTML 7Page - Intersil Corporation 80C286/883 Datasheet HTML 8Page - Intersil Corporation 80C286/883 Datasheet HTML 9Page - Intersil Corporation 80C286/883 Datasheet HTML 10Page - Intersil Corporation 80C286/883 Datasheet HTML 11Page - Intersil Corporation 80C286/883 Datasheet HTML 12Page - Intersil Corporation 80C286/883 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
136
80C286/883
Waveforms
NOTES:
1. The modified timing is due to the CMDLY signal being active.
2. 82C254 and 82C288 Timing Waveforms are shown for reference only, and no guarantee is inplied.
FIGURE 2. MAJOR CYCLE TIMING
3
1
2
12A
12B
φ2
φ2
φ1
φ2
φ1
φ2
φ1
φ2
φ1
φ2
φ1
CLK
VOL
VOH
TI
TS
TC
TS
TC
TC
S1 • S0
19
13
19
13
M/IO,
A23 - A0
BHE, LOCK
VALID ADDRESS
VALID ADDRESS
VALID IF TS
13
13
VALID CONTROL
VALID CONTROL
VALID WRITE DATA
9
8
14
11
10
15
D15 - D0
11
10
11
12
19
14
13
19
19
20
16
17
12
13
13
12
12
13
29
30
(SEE NOTE 1)
29
30
19
20
21
22
23
24
READ
(TI OR TS)
READ CYCLE
ILLUSTRATED WITH ZERO
WAIT STATES
WRITE CYCLE
ILLUSTRATED WITH ONE
WAIT STATE
READY
SRDY +
ARDY +
PCLK
ALF
CMDLY
MWTC
MRDC
DT/R
ARDYEN
SRDYEN
COD INTA
BUS CYCLE TYPE
DEN
VALID READ DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com