Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1824/3 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1824/3
Description  High-Reliability CMOS 32-Word x 8-Bit Static Random-Access Memory
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1824/3 Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1824/3 Datasheet HTML 1Page - Intersil Corporation CDP1824/3 Datasheet HTML 2Page - Intersil Corporation CDP1824/3 Datasheet HTML 3Page - Intersil Corporation CDP1824/3 Datasheet HTML 4Page - Intersil Corporation CDP1824/3 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
44
Read Cycle Dynamic Electrical Specifications
Input tR, tF ≤ 15ns, CL = 50pF
PARAMETER
SYMBOL
TEST
CONDITIONS
LIMITS
UNITS
-55oC, +25oC+125oC
VDD
(V)
MIN
MAX
MIN
MAX
Access Time From Address Change
tAA
5
-
610
-
825
ns
10
-
320
-
375
ns
Access Time From Chip Select
tDOA
5
-
610
-
825
ns
10
-
320
-
375
ns
Output Active From MRD
tAM
5
-
610
-
825
ns
10
-
320
-
375
ns
NOTE:
1. Minimum timing for valid data output longer times will initiate an earlier, but invalid output.
FIGURE 1. READ CYCLE TIMING DIAGRAM
tAM
(NOTE 1)
tAA
tDOA
(NOTE 1)
HIGH IMPEDANCE
MRD
MA
CS
DATA OUT
CDP1824/3, CDP1824C/3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com