Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1824/3 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1824/3
Description  High-Reliability CMOS 32-Word x 8-Bit Static Random-Access Memory
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1824/3 Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1824/3 Datasheet HTML 1Page - Intersil Corporation CDP1824/3 Datasheet HTML 2Page - Intersil Corporation CDP1824/3 Datasheet HTML 3Page - Intersil Corporation CDP1824/3 Datasheet HTML 4Page - Intersil Corporation CDP1824/3 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
42
TM
Features
• Access Time
- 610ns . . . . . . . . . . . . . . . . . . . . . . . . . . . . . at VDD = 5V
- 320ns . . . . . . . . . . . . . . . . . . . . . . . . . . . . at VDD = 10V
• No Precharge or Clock Required
Description
The CDP1824/3 and CDP1824C/3 types are high-reliability
CMOS 32-word x 8-bit fully static random-access memories
for use in CDP1800-series microprocessor systems. These
parts are compatible with the CDP1802 microprocessor and
will interface directly without additional components.
The CDP1824/3 is fully decoded and does not require a pre-
charge or clocking signal for proper operation. It has com-
mon input and output and is operated from a single voltage
supply. The MRD signal (output disable control) enables the
three-state output drivers, and overrides the MWR signal. A
CS input is provided for memory expansion.
The CDP1824C/3 is functionally identical to the CDP1824/3.
The CDP1824/3 has a recommended operating voltage
range of 4V to 10.5V, and the CDP1824C/3 has an operating
voltage range of 4V to 6.5V.
Ordering Information
5V
10V
PACK-
AGE
TEMP. RANGE
PKG.
NO.
CDP1824CD3 CDP1824D3 SBDIP
-55oC to
+125oC
D18.3
Pinout
CDP1824/3, CDP1824C/3 (SBDIP)
TOP VIEW
Functional Diagram
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
VDD
MRD
CS
BUS0
BUS1
BUS2
BUS3
MWR
BUS4
MA4
MA3
MA2
MA1
MA0
BUS7
BUS5
BUS6
VSS
MA4
MA3
MA2
MA1
MA0
MWR
CS
VDD = 18
VSS = 9
BUS
7
BUS
6
BUS
5
BUS
4
BUS
3
BUS
2
BUS
1
BUS
0
MRD
16
5
4
3
21
17
15
6
7
8
1011
1213
14
ADDRESS
DECODER
32 X 8-BIT
ARRAY
SENSE
AMPL
I/O BUFFERS
OPERATIONAL MODES
FUNCTION
CS
MRD
MWR
DATA PINS STATUS
READ
0
0
X
Output: High/Low Dependent on Data
WRITE
0
1
0
Input: Output Disabled
Not Selected
1
X
X
Output Disabled: High-Impedance State
Standby
0
1
1
Output Disabled: High-Impedance State
Logic 1 = High
Logic 0 = Low
X = Don’t Care
March 1997
CDP1824/3,
CDP1824C/3
High-Reliability CMOS 32-Word x 8-Bit
Static Random-Access Memory
File Number
1717.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001. All Rights Reserved


Similar Part No. - CDP1824/3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1824 INTERSIL-CDP1824 Datasheet
26Kb / 6P
32-Word x 8-Bit Static RAM
March 1997
CDP1824C INTERSIL-CDP1824C Datasheet
26Kb / 6P
32-Word x 8-Bit Static RAM
March 1997
CDP1824CD INTERSIL-CDP1824CD Datasheet
26Kb / 6P
32-Word x 8-Bit Static RAM
March 1997
CDP1824CE INTERSIL-CDP1824CE Datasheet
26Kb / 6P
32-Word x 8-Bit Static RAM
March 1997
CDP1824CEX INTERSIL-CDP1824CEX Datasheet
26Kb / 6P
32-Word x 8-Bit Static RAM
March 1997
More results

Similar Description - CDP1824/3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
32K x 8 Bit CMOS Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK63264W ACCUTEK-AK63264W Datasheet
243Kb / 2P
65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK68512D ACCUTEK-AK68512D Datasheet
95Kb / 2P
524,288 x 8 Bit CMOS Static Random Access Memory
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
524,288 x 8 Bit CMOS Static Random Access Memory
AK632128AW ACCUTEK-AK632128AW Datasheet
107Kb / 2P
131,072 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK632256AW ACCUTEK-AK632256AW Datasheet
111Kb / 2P
262,144 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63232W ACCUTEK-AK63232W Datasheet
82Kb / 2P
32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264AW ACCUTEK-AK63264AW Datasheet
86Kb / 2P
65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK632512W ACCUTEK-AK632512W Datasheet
99Kb / 2P
524,288 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK681024G ACCUTEK-AK681024G Datasheet
163Kb / 2P
1,048,579 x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com