Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1852/3 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1852/3
Description  High-Reliability Byte-Wide Input/Output Port
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1852/3 Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1852/3 Datasheet HTML 1Page - Intersil Corporation CDP1852/3 Datasheet HTML 2Page - Intersil Corporation CDP1852/3 Datasheet HTML 3Page - Intersil Corporation CDP1852/3 Datasheet HTML 4Page - Intersil Corporation CDP1852/3 Datasheet HTML 5Page - Intersil Corporation CDP1852/3 Datasheet HTML 6Page - Intersil Corporation CDP1852/3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Data-In After Clock Fall Hold Time
tDH
5
150
-
170
-
ns
10
70
-
100
-
ns
Propagation Delay Times:
Clear to SR
tRSR
5
-
200
-
340
ns
10
-
110
-
170
ns
Clock to SR
tCSR
5
-
175
-
220
ns
10
-
110
-
130
ns
Deselect to SR
tSSR
5
-
175
-
240
ns
10
-
110
-
120
ns
NOTE:
1. Time required by a device to allow for the indicated function.
NOTE:
1. CS1
• CS2 is the overlap of CS1 = 1 and CS2 = 1.
MODE = 0 TRUTH TABLE
SERVICE REQUEST
TRUTH TABLE
CLOCK
CS1
• CS2 (Note 1)CLEAR
DATA OUT EQUALS
X
0
X
High Impedance
Clock =
CS1 or CS2 =
or CLEAR = 0
010
0
011
Data Latch
1
1
X
Data In
SR = 0
SR = 1
NOTE:
1. CS1
• CS2 = CS1 = 1, CS2 = 1.
FIGURE 3. MODE = 0 INPUT PORT TIMING WAVEFORMS AND TRUTH TABLES
Dynamic Electrical Specifications
Mode = 0 Input Port, See Figure 3, Input tr, tf ≤ 15ns; CL = 50pF (Continued)
PARAMETER
SYMBOL
VDD
VOLTS
LIMITS (NOTE 1)
UNITS
-55oC, +25oC
+125oC
(NOTE 1)
MIN
MAX
(NOTE 1)
MIN
MAX
CS1
• CS2
CLOCK
DATA IN
DATA BUS
SR
CLEAR
tRSR
tCSR
tDS
tDH
tSSR
HIGH
IMPEDANCE
(NOTE 1)
tSW
tWW
tCLR
CDP1852/3, CDP1852C/3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com