Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1852/3 Datasheet(PDF) 6 Page - Intersil Corporation

Part # CDP1852/3
Description  High-Reliability Byte-Wide Input/Output Port
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1852/3 Datasheet(HTML) 6 Page - Intersil Corporation

  CDP1852/3 Datasheet HTML 1Page - Intersil Corporation CDP1852/3 Datasheet HTML 2Page - Intersil Corporation CDP1852/3 Datasheet HTML 3Page - Intersil Corporation CDP1852/3 Datasheet HTML 4Page - Intersil Corporation CDP1852/3 Datasheet HTML 5Page - Intersil Corporation CDP1852/3 Datasheet HTML 6Page - Intersil Corporation CDP1852/3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Dynamic Electrical Specification
Mode = 1 Output Port, See Figure 4, Input tr, tf
≤ 15ns; C
L = 50pF
PARAMETER
SYMBOL
VDD
VOLTS
LIMITS (NOTE 1)
UNITS
-55oC, +25oC+125oC
(NOTE 1)
MIN
MAX
(NOTE 1)
MIN
MAX
Clock Pulse Width
tCLK
5
170
-
260
-
ns
10
90
-
130
-
ns
Write Width Duration
tWW
5
200
-
260
-
ns
10
110
-
130
-
ns
Clear Pulse Width
tCLR
5
110
-
135
-
ns
10
60
-
75
-
ns
Data-In to Clock Fall Setup Time
tDS
5
-10
-
-10
-
ns
10
-5
-
-5
-
ns
Data Hold from Write Termination
tDH
5
130
-
170
-
ns
10
70
-
90
-
ns
Select-After Clock-Fall Hold Time
tSH
50
-
0
-
ns
10
0
-
0
-
ns
Propagation Delay Times:
Clear to Data
tRDO
5
-
215
-
290
ns
10
-
140
-
190
ns
Write to Data Out
tWDO
5
-
250
-
350
ns
10
-
130
-
190
ns
Data In to Data Out
tDDO
5
-
150
-
200
ns
10
-
80
-
100
ns
Clear to SR
tRSR
5
-
175
-
240
ns
10
-
120
-
160
ns
Clock to SR
tCSR
5
-
170
-
240
ns
10
-
90
-
120
ns
Deselect to SR
tSSR
5
-
170
-
240
ns
10
-
90
-
120
ns
NOTE:
1. Time required by a device to allow for the indicated function.
CDP1852/3, CDP1852C/3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com