Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5506 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5506
Description  TMS320VC5506 Fixed-Point Digital Signal Processor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5506 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC5506 Datasheet HTML 25Page - Texas Instruments TMS320VC5506 Datasheet HTML 26Page - Texas Instruments TMS320VC5506 Datasheet HTML 27Page - Texas Instruments TMS320VC5506 Datasheet HTML 28Page - Texas Instruments TMS320VC5506 Datasheet HTML 29Page - Texas Instruments TMS320VC5506 Datasheet HTML 30Page - Texas Instruments TMS320VC5506 Datasheet HTML 31Page - Texas Instruments TMS320VC5506 Datasheet HTML 32Page - Texas Instruments TMS320VC5506 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 119 page
background image
Functional Overview
29
October 2006 − Revised January 2008
SPRS375C
3.1
Memory
The 5506 supports a unified memory map (program and data accesses are made to the same physical space).
The total useable on-chip memory is 128K bytes (64K 16-bit words of RAM). There is 32K 16-bit words of ROM
used by the on-chip boot loader.
3.1.1 On-Chip Dual-Access RAM (DARAM)
The DARAM is located in the byte address range 000000h−00FFFFh and is composed of eight blocks of
8K bytes each (see Table 3−1). Each DARAM block can perform two accesses per cycle (two reads, two
writes, or a read and a write). DARAM can be accessed by the internal program, data, or DMA buses.
Table 3−1. DARAM Blocks
BYTE ADDRESS RANGE
MEMORY BLOCK
000000h − 001FFFh
DARAM 0†
002000h − 003FFFh
DARAM 1
004000h − 005FFFh
DARAM 2
006000h − 007FFFh
DARAM 3
008000h − 009FFFh
DARAM 4
00A000h − 00BFFFh
DARAM 5
00C000h − 00DFFFh
DARAM 6
00E000h − 00FFFFh
DARAM 7
† First 192 bytes are reserved for Memory-Mapped Registers (MMRs).
3.1.2 On-Chip Single-Access RAM (SARAM)
The SARAM is located at the byte address range 010000h−01FFFFh and is composed of 8 blocks of 8K bytes
each (see Table 3−2). Each SARAM block can perform one access per cycle (one read or one write). SARAM
can be accessed by the internal program, data, or DMA buses.
Table 3−2. SARAM Blocks
BYTE ADDRESS RANGE
MEMORY BLOCK
010000h − 011FFFh
SARAM 0
012000h − 013FFFh
SARAM 1
014000h − 015FFFh
SARAM 2
016000h − 017FFFh
SARAM 3
018000h − 019FFFh
SARAM 4
01A000h − 01BFFFh
SARAM 5
01C000h − 01DFFFh
SARAM 6
01E000h − 01FFFFh
SARAM 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com