Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5506 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5506
Description  TMS320VC5506 Fixed-Point Digital Signal Processor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5506 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320VC5506 Datasheet HTML 68Page - Texas Instruments TMS320VC5506 Datasheet HTML 69Page - Texas Instruments TMS320VC5506 Datasheet HTML 70Page - Texas Instruments TMS320VC5506 Datasheet HTML 71Page - Texas Instruments TMS320VC5506 Datasheet HTML 72Page - Texas Instruments TMS320VC5506 Datasheet HTML 73Page - Texas Instruments TMS320VC5506 Datasheet HTML 74Page - Texas Instruments TMS320VC5506 Datasheet HTML 75Page - Texas Instruments TMS320VC5506 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 119 page
background image
Electrical Specifications
72
October 2006 − Revised January 2008
SPRS375C
Transmission Line
4.0 pF
1.85 pF
Z0 = 50
Ω
(see note)
Tester Pin Electronics
Data Manual Timing Reference Point
Output
Under
Test
NOTE: The data manual provides timing at the device pin. For output timing analysis, the tester pin electronics and its transmission line effects
must be taken into account. A transmission line with a delay of 2 ns or longer can be used to produce the desired transmission line effect.
The transmission line is intended as a load only. It is not necessary to add or subtract the transmission line delay (2 ns or longer) from
the data manual timings.
42
Ω
3.5 nH
Device Pin
(see note)
Input requirements in this data manual are tested with an input slew rate of < 4 Volts per nanosecond (4 V/ns) at the device
pin.
Figure 5−1. 3.3-V Test Load Circuit
5.4
ESD Performance
ESD stress levels were performed in compliance with the following JEDEC standards with the results indicated
below:
•
Charged Device Model (CDM), based on JEDEC Specification JESD22-C101, passed at
±500 V
•
Human Body Model (HBM), based on JEDEC Specification JESD22-A114, passed at
±1500 V
NOTE:
According to industry research publications, ESD-CDM testing results show better correlation
to manufacturing line and field failure rates than ESD-HBM testing. 500-V CDM is commonly
considered as a safe passing level.
5.5
Timing Parameter Symbology
Timing parameter symbols used in the timing requirements and switching characteristics tables are created
in accordance with JEDEC Standard 100. To shorten the symbols, some of the pin names and other related
terminology have been abbreviated as follows:
Lowercase subscripts and their meanings:
Letters and symbols and their meanings:
a
access time
H
High
c
cycle time (period)
L
Low
d
delay time
V
Valid
dis
disable time
Z
High-impedance
en
enable time
f
fall time
h
hold time
r
rise time
su
setup time
t
transition time
v
valid time
w
pulse duration (width)
X
Unknown, changing, or don’t care level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com