Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1852CD3 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1852CD3
Description  High-Reliability Byte-Wide Input/Output Port
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1852CD3 Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1852CD3 Datasheet HTML 1Page - Intersil Corporation CDP1852CD3 Datasheet HTML 2Page - Intersil Corporation CDP1852CD3 Datasheet HTML 3Page - Intersil Corporation CDP1852CD3 Datasheet HTML 4Page - Intersil Corporation CDP1852CD3 Datasheet HTML 5Page - Intersil Corporation CDP1852CD3 Datasheet HTML 6Page - Intersil Corporation CDP1852CD3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TM
Features
• Static Silicon-Gate CMOS Circuitry
• Parallel 8-Bit Data Register and Buffer
• Handshaking Via Service Request Flip-Flop
• Low Quiescent and Operating Power
• Interfaces Directly with CDP1800-Series Microproces-
sors
• Single Voltage Supply
• Full Military Temperature Range
(-55oC to +125oC)
Pinout
CDP1852/3, CDP1852C/3 (SBDIP)
TOP VIEW
Description
The CDP1852/3 and CDP1852C/3 are parallel, 8-bit, mode-
programmable input/output ports. They are compatible and
will interface directly with CDP1800-Series microprocessors.
They are also useful as 8-bit address latches when used
with the CDP1800 multiplexed address bus and as I/O ports
in general-purpose applications.
The mode control is used to program the device as an input
port (mode = 0) or as an output port (mode = 1). The SR/SR
output can be used as a signal to indicate when data is
ready to be transferred. In the input mode, a peripheral
device can strobe data into the CDP1852/3, and micropro-
cessor can read that data by device selection. In the output
mode, a microprocessor strobes data into the CDP1852/3,
and handshaking is established with a peripheral device
when the CDP1852/3 is deselected.
In the input mode, data at the data-in terminals (DI0-DI7) is
strobed into the port’s 8-bit register by a high (1) level on the
clock line. The negative high-to-low transition of the clock
latches the data in the register and sets the service request
output low (SR/SR = 0). When CS1/CS1 and CS2 are high
(CS1/CS1 and CS2 = 1), the three-state output drivers are
enabled and data in the 8-bit register appear at the data-out
terminals (DO0-DO7). When either CS1/CS1 or CS2 goes low
(CS1/CS1 or CS2 = 0), the data-out terminals are tristated
and the service request output returns high (SR/SR =1).
In the output mode, the output drivers are enabled at all
times. Data at the data-in terminals (DI0-DI7) is strobed into
the 8-bit register when CS1/CS1 is low (CS1/CS1 = 0) and
CS2 and the clock are high (1), and are present at the data-
out terminals (DO0-DO7). The negative high-to-low transi-
tion of the clock latches the data in the register. The SR/SR
output goes high (SR/SR = 1) when the device is deselected
(CS1/CS1 = 1 or CS2 = 0) and returns low (SR/SR = 0) on the
following trailing edge of the clock.
A CLEAR control is provided for resetting the port’s register
(DO0-DO7
=
0)
and
service
request
flip-flop
(input
mode: SR/SR = 1 and output mode: SR/SR = 0).
The CDP1852/3 is functionally identical to the CDP1852C/3.
The CDP1852/3 has a recommended operating voltage
range of 4V to 10.5V, and the CDP1852C/3 has a recom-
mended operating voltage range of 4V to 6.5V.
The CDP1852/3 and CDP1852C/3 are supplied in 24-lead,
dual-in-line side-brazed ceramic packages (D suffix).
Ordering Information
PACK-
AGE
TEMP.
RANGE
5V
10V
PKG.
NO
SBDIP
-55oC to +125oC CDP1852CD3 CDP1852D3 D24.6
1
2
3
4
5
6
7
8
9
10
11
12
CSI/CSI
MODE
DI0
DO0
DI1
DO1
DI2
DO2
DI3
DO3
CLOCK
VSS
16
17
18
19
20
21
22
23
24
15
14
13
VDD
DI7
DO7
DI6
DO6
DO5
DO4
CLEAR
CS2
SR/SR
DI5
DI4
March 1997
File Number
1694.2
CDP1852/3,
CDP1852C/3
High-Reliability Byte-Wide Input/Output Port
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - CDP1852CD3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1852CD INTERSIL-CDP1852CD Datasheet
153Kb / 9P
Byte-Wide Input/Output Port
March 1997
More results

Similar Description - CDP1852CD3

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
INPUT/OUTPUT PORT EXPANDER
logo
Wolfson Microelectronic...
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2633 WOLFSON-WM2633 Datasheet
389Kb / 12P
Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
logo
Intersil Corporation
CDP1852 INTERSIL-CDP1852 Datasheet
153Kb / 9P
Byte-Wide Input/Output Port
March 1997
logo
List of Unclassifed Man...
WRAP-3W ETC-WRAP-3W Datasheet
87Kb / 2P
WIDE INPUT ISOLATED & REGULATED 3W OUTPUT
logo
Astec America, Inc
AA60A-036L-050D033H ASTEC-AA60A-036L-050D033H Datasheet
74Kb / 2P
AA60A Series - WIde Input - Dual Output
logo
Murata Manufacturing Co...
UWR6-10WA-SERIES MURATA-UWR6-10WA-SERIES Datasheet
189Kb / 6P
Single Output, High Reliability
UWR14-20WA-SERIES MURATA-UWR14-20WA-SERIES Datasheet
192Kb / 6P
Single Output, High Reliability
logo
MORNSUN Science& Techno...
K78L03-500 MORNSUN-K78L03-500 Datasheet
468Kb / 5P
WIDE INPUT NON-ISOLATED REGULATED OUTPUT
K78L03-1000 MORNSUN-K78L03-1000 Datasheet
308Kb / 3P
WIDE INPUT NON-ISOLATED REGULATED OUTPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com