Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LND01 Datasheet(PDF) 2 Page - Microchip Technology

Part # LND01
Description  Lateral N-Channel Depletion-Mode MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LND01 Datasheet(HTML) 2 Page - Microchip Technology

  LND01 Datasheet HTML 1Page - Microchip Technology LND01 Datasheet HTML 2Page - Microchip Technology LND01 Datasheet HTML 3Page - Microchip Technology LND01 Datasheet HTML 4Page - Microchip Technology LND01 Datasheet HTML 5Page - Microchip Technology LND01 Datasheet HTML 6Page - Microchip Technology LND01 Datasheet HTML 7Page - Microchip Technology LND01 Datasheet HTML 8Page - Microchip Technology LND01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LND01
DS20005696A-page 2
 2017 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Drain-to-source Voltage ....................................................................................................................................... BVDSX
Source-to-drain Voltage........................................................................................................................................ BVSDX
Gate-to-source Voltage ............................................................................................................................ –12V to +0.6V
Gate-to-drain Voltage ............................................................................................................................... –12V to +0.6V
Operating Ambient Temperature, TA ................................................................................................... –25°C to +125°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. (Note 1)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Drain-to-source Breakdown Voltage
BVDSX
9
—
—
V
VGS = –3V, IDS = 10 µA
Source-to-drain Breakdown Voltage
BVSDX
9
—
—
V
VGD = –3V, ISD = 10 µA
Gate-to-source Off Voltage
VGS(OFF) –0.8
—
–3
V
VDS = 9V, IDS = 1 µA
Source-to-gate Off Voltage
VSG(OFF) –0.8
—
–3
V
VSD = 9V, ISD = 1 µA
Gate-to-source Diode
VGS
–12
—
0.6
V
IGS = ±1 µA
Gate-to-drain Diode
VGD
–12
—
0.6
V
IGD = ±1 µA
Drain-to-source Leakage Current
IDS(OFF)
—
—
1
µA
VGS = –3V, VDS = 9V
Source-to-drain Leakage Current
ISD(OFF)
—
—
1
µA
VGD = –3V, VSD = 9V
Saturated Drain-to-source Current
IDSS
300
—
—
mA
VGS = 0V, VDS = 9V
Saturated Source-to-drain Current
ISDD
300
—
—
mA
VGD = 0V, VSD = 9V
Static Drain-to-source On-state
Resistance
RDS(ON)
—
0.9
1.4
Ω
VGS = 0V, IDS = 100 mA
Static Source-to-drain On-state
Resistance
RSD(ON)
—
0.9
1.4
Ω
VGD = 0V, ISD = 100 mA
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated.
(Pulse test: 300 µs pulse, 2% duty cycle)
2: Specification is obtained by characterization and is not 100% tested.
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. (Note 2)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Forward Transconductance
GFS
200
—
—
mmho VDS = 9V, IDS = 50 mA
Input Capacitance
CISS
—
46
—
pF
VGS = –3V, VDS = 5V, 
f = 1 MHz
Common Source Output Capacitance
COSS
—
32
—
pF
Reverse Transfer Capacitance
CRSS
—
23
—
pF
Turn-on Delay Time
td(ON)
—
3.8
—
ns
VDD = 9V, IDS = 100 mA,
RGEN = 25Ω
Rise Time
tr
—
11
—
ns
Turn-off Delay Time
td(OFF)
—
1
—
ns
Fall Time
tf
—
6.4
—
ns
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated.
(Pulse test: 300 µs pulse, 2% duty cycle)
2: Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com